データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SFSKB3M80GF00-R1_17

  • AI
    The **SFSKB3M80GF00-R1** (produced by Murata Electronics) is a specific type of **Surface Mount Device (SMD) Ceramic Discriminator**. These components are critical in communication circuits for recovering audio or data from a modulated signal. ### 1. Component Overview A ceramic discriminator is a resonant device that converts frequency variations (FM signals) into voltage variations. It is essentially a specialized ceramic filter used in the detection stage of an Integrated Circuit (IC). | Parameter | Specification | | :--- | :--- | | **Center Frequency (f0)** | 3.800 MHz | | **Mounting Type** | Surface Mount (SMD) | | **Package / Case** | 2-SMD (Non-standard lead shape) | | **Operating Temperature** | -20°C to +80°C | | **Application** | FM Demodulation / IF Circuits | --- ### 2. Key Electronic Characteristics The "3M80" in the part number indicates the frequency tuning point. Here are the core electronic functions of this part: * **Piezoelectric Effect:** It utilizes the mechanical resonance of piezoelectric ceramics to create a sharp frequency response curve. * **Linear Conversion:** It is designed to have a linear "S-curve" response. This ensures that as the signal frequency deviates from 3.8MHz, the output voltage changes proportionally without distortion. * **Impedance Matching:** These parts are typically designed to interface with specific FM IF (Intermediate Frequency) ICs (such as those from Toshiba or NXP). ### 3. Typical Application Circuit In a standard receiver circuit, the discriminator is connected to the quadrature detector pins of an FM IF system IC. ```mermaid graph LR A[IF Signal 3.8MHz] --> B[FM IF IC] B <--> C[SFSKB3M80GF00-R1] B --> D[Audio/Data Output] ``` ### 4. Part Number Breakdown (Murata Nomenclature) Understanding the suffix helps in identifying the exact variant: * **SFSKB**: Product series (Ceramic Discriminator for FM). * **3M80**: Nominal center frequency (3.80 MHz). * **GF**: Designates the specific bandwidth and temperature characteristics. * **R1**: Indicates the packaging style (usually Tape & Reel). --- ### 5. Common Use Cases * **Cordless Phones:** Older analog cordless systems. * **Two-Way Radios:** Narrowband FM communication devices. * **Data Receivers:** Low-speed FSK (Frequency Shift Keying) data transmission modules.
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic discriminator and a ceramic filter?
    • ⤷ Which specific ICs are compatible with the SFSKB3M80 series?
    • ⤷ How does the 'S-curve' affect audio quality in FM demodulation?