データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SFSKB5M70GF00-R1

  • AI
    The **SFSKB5M70GF00-R1** is a high-performance **Ceramic Filter** manufactured by Murata Electronics. It belongs to the SFECV/SFSKB series, which are designed for small-size, high-reliability applications in communication equipment. --- ### 1. General Specifications This component is primarily used in the Intermediate Frequency (IF) stage of FM receivers to select the desired signal while rejecting interference. | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Murata Electronics | | **Center Frequency (fc)** | 5.70 MHz | | **Bandwidth (at 3dB)** | Typically 120 kHz - 150 kHz | | **Insertion Loss** | 6.0 dB max | | **Input/Output Impedance** | 600 $\Omega$ | | **Package Type** | Surface Mount (SMD) | | **Operating Temp Range** | -20°C to +80°C | --- ### 2. Key Features * **Piezoelectric Technology:** Utilizes the energy-trapping vibration mode of piezoelectric ceramics to achieve high selectivity. * **Compact Design:** The "KB" series is known for its low profile and small footprint, making it ideal for mobile devices and compact PCB layouts. * **Flat GDT:** Many variants in this series are designed for flat Group Delay Time (GDT) characteristics, which reduces distortion in digital and high-quality analog signals. --- ### 3. Pin Configuration & Application The device typically features a 3-terminal structure in an SMD package: 1. **Input:** Where the modulated signal enters the filter. 2. **Ground:** Common connection to the PCB ground plane. 3. **Output:** Filtered signal exit point. #### Common Uses: * **FM Radio Receivers:** Used in the IF stage (usually 5.7MHz or 10.7MHz standards). * **Audio/Video Equipment:** Signal processing in TV sound circuits. * **Communication Transceivers:** Filtering noise in wireless data transmission. --- ### 4. Selection Criteria When integrating the SFSKB5M70GF00-R1, engineers must consider: * **Impedance Matching:** Ensure the circuit's input/output impedance is 600 $\Omega$ to avoid signal reflection and ripple in the passband. * **Reflow Soldering:** As an SMD component, it must follow specific temperature profiles to avoid damaging the ceramic element.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this 5.7 MHz filter and a standard 10.7 MHz ceramic filter?
    • ⤷ How does impedance mismatch affect the performance of this specific part?
    • ⤷ Are there recommended buffer circuits for connecting this filter to a microcontroller?