データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SGP40-D-R4

  • AI
    ### SGP40-D-R4: Digital VOC Sensor Overview The **SGP40-D-R4** is a high-performance digital gas sensor developed by Sensirion, designed specifically for the detection of Volatile Organic Compounds (VOCs). It is built on a metal-oxide (MOx) technology platform and is optimized for air quality applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Technology** | MOx (Metal-Oxide) Semiconductor | | **Sensed Gases** | VOCs (Volatile Organic Compounds) | | **Output** | 16-bit Digital Raw Signal | | **Supply Voltage (VDD)** | 1.7V to 3.6V | | **Interface** | I2C (up to 400 kHz) | | **Average Current** | ~2.6 mA (at 3.3V) | | **Package** | DFN6 (2.44 x 2.44 x 0.85 mm) | --- ### 2. Major Electronic Components & Architecture The SGP40 is more than just a sensing material; it is a complex **System-on-Chip (SoC)**. * **Sensing Element (MOx):** Consists of a heated ceramic substrate with a sensing layer of metal-oxide nanoparticles. When VOCs come into contact with the heated layer, a chemical reaction occurs that changes the electrical resistance. * **Integrated Micro-hotplate:** A tiny, controlled heating element that keeps the sensing layer at the optimal temperature for chemical reaction. * **Analog-to-Digital Converter (ADC):** Translates the analog resistance changes from the sensing element into a high-resolution 16-bit digital signal. * **Calibration Memory:** Stores device-specific calibration parameters to ensure consistency across different sensors during manufacturing. * **I2C Interface Logic:** Manages communication between the sensor and an external microcontroller (MCU). --- ### 3. Pin Configuration (DFN6 Package) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **VDD** | Supply voltage | | 2 | **VSS** | Ground | | 3 | **SDA** | I2C Serial Data line | | 4 | **SCL** | I2C Serial Clock line | | 5 | **VDDH** | Heater supply voltage (usually connected to VDD) | | 6 | **NC** | Not connected / Ground | --- ### 4. Implementation Details #### Software Processing (The VOC Index) Unlike older sensors that provide PPM (parts per million), the SGP40 is designed to work with Sensirion’s **VOC Index Algorithm**. 1. The sensor outputs a **Raw Signal**. 2. This signal is processed by an external driver (running on your MCU). 3. The algorithm converts the raw data into a **VOC Index** (typically 0 to 500), where 100 represents "normal" air. #### Typical Circuit Example ```c // I2C Communication Example (Pseudo-code) #define SGP40_I2C_ADDR 0x59 void read_sensor() { uint8_t command[] = {0x26, 0x0F}; // Measure Raw Signal Command I2C_Write(SGP40_I2C_ADDR, command, 2); delay(30); // Wait for measurement uint16_t raw_signal = I2C_Read_16bit(SGP40_I2C_ADDR); } ``` --- ### 5. Key Advantages * **Siloxane Resistance:** Features Sensirion's CMOSens® technology, which protects the sensor from "poisoning" by silicone vapors found in consumer products. * **Power Efficiency:** Optimized for battery-operated devices with low power consumption during measurement. * **Small Footprint:** Its DFN package makes it ideal for compact wearables or smart home devices.
    ✨ Follow-up Questions
    • ⤷How does the VOC Index algorithm differ from standard PPM measurements?
    • ⤷ What are the recommended pull-up resistor values for the SGP40 I2C lines?
    • ⤷ What is the typical warm-up time for the SGP40-D-R4?