データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SHT40-BD1F-R2

  • AI
    ### Overview of SHT40-BD1F-R2 The **SHT40-BD1F-R2** is a high-accuracy, ultra-low-power digital sensor for measuring relative humidity (RH) and temperature. It is part of the 4th generation SHT4x series from **Sensirion**. The "BD1F" suffix specifically refers to the **Open Cavity** or **Base-Mounted** package design, which is optimized for specific mounting techniques. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Supply Voltage (VDD)** | 1.08 V to 3.6 V | | **Interface** | I2C (Standard, Fast Mode Plus, High Speed) | | **I2C Address** | 0x44 (Hex) | | **RH Accuracy** | ±1.8% RH | | **Temperature Accuracy** | ±0.2 °C | | **Operating Range (RH)** | 0 to 100% RH | | **Operating Range (Temp)** | -40 °C to +125 °C | | **Power Consumption** | 0.4 µA (Idle), 80 µA (Measurement average) | --- ### 2. Functional Components The sensor integrates several electronic components into a single CMOS chip: * **Capacitive Humidity Sensor:** A polymer dielectric layer that changes capacitance based on ambient moisture. * **Bandgap Temperature Sensor:** High-precision silicon-based thermal sensor. * **Analog-to-Digital Converter (ADC):** Converts raw analog signals from the sensors into digital data. * **Digital Signal Processing (DSP):** Handles calibration coefficients and linearization. * **Heater:** An integrated power-programmable heater used to remove condensation or perform self-tests. --- ### 3. Pin Configuration (DFN Package) The device typically comes in a 4-pin dual-flat no-lead (DFN) package. | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **SDA** | Serial Data (I/O) | | 2 | **SCL** | Serial Clock (Input) | | 3 | **VDD** | Supply Voltage | | 4 | **VSS** | Ground | --- ### 4. Distinctive Features * **Integrated Heater:** Unlike many competitors, the SHT4x has a built-in heater with three power levels. This is vital for applications in high-humidity environments to prevent sensor "creep" or liquid water accumulation. * **Robustness:** The "BD1F" variant is designed for high reliability and features specialized packaging to protect the sensing element while maintaining fast response times. * **NIST Traceability:** Every sensor is individually calibrated and tested, with calibration data stored in the onboard memory. --- ### 5. Application Circuit Diagram To use the SHT40 in a circuit, you generally need two pull-up resistors for the I2C lines and a decoupling capacitor for power stability. ```text [3.3V] | +----+----+-------+ | | | | [C] [R] [R] | | | | [SHT40] | +----|----(SCL) | +----(SDA) [GND] (VDD) (VSS) ```
    ✨ Follow-up Questions
    • ⤷ How does the integrated heater in the SHT40 improve sensor longevity?
    • ⤷ What are the primary differences between the SHT40 and SHT41 models?
    • ⤷ Can the I2C address of the SHT40-BD1F-R2 be changed via hardware?