SHT43-BDCB-R3
AI

## Overview of SHT43-BDCB-R3
The **SHT43-BDCB-R3** is a high-precision digital temperature and humidity sensor manufactured by **Sensirion**. It belongs to the 4th generation (SHT4x series) and is specifically designed for high-reliability applications, often used in automotive or demanding industrial environments.
---
### Key Technical Specifications
| Parameter | Specification | Notes |
| :--- | :--- | :--- |
| **Supply Voltage (VDD)** | 1.08 V to 3.6 V | Compatible with 1.8V, 2.5V, and 3.3V systems |
| **Idle Current** | 80 nA (typical) | Optimized for battery-powered devices |
| **Average Current** | 2.3 µA | At 1 measurement per second |
| **I2C Speed** | Up to 1 MHz | Supports Fast Mode Plus |
| **RH Accuracy** | ±1.8% RH | Typical range 25-75% RH |
| **Temp. Accuracy** | ±0.2 °C | Typical range 0-60 °C |
| **Package Type** | DFN-4 | 1.5 x 1.5 x 0.5 mm footprint |
---
### Functional Electronic Components
#### 1. The Sensor Elements
The device utilizes Sensirion's proprietary **CMOSens® Technology**.
* **Capacitive Humidity Sensor:** Measures changes in capacitance of a polymer dielectric layer as it absorbs water molecules.
* **Bandgap Temperature Sensor:** A precision PTAT (Proportional To Absolute Temperature) circuit integrated into the silicon.
#### 2. Signal Processing ASIC
The internal Application-Specific Integrated Circuit (ASIC) performs several critical roles:
* **ADC (Analog-to-Digital Converter):** Converts the raw analog signals from the sensors into high-resolution digital data.
* **Calibration Memory:** Each unit is individually calibrated. The correction factors are stored in non-volatile memory and applied automatically during measurement.
* **Digital Interface:** Handles the I2C communication protocol, including device addressing and CRC (Cyclic Redundancy Check) checksum generation.
#### 3. Integrated Power Management & Heater
* **LDO Regulators:** Internal regulators allow the chip to operate stably across a wide voltage range (1.08V - 3.6V).
* **On-chip Heater:** A programmable power heater is integrated to remove condensed water or creep effects in high-humidity environments. It can be activated via I2C commands at different power levels and durations.
---
### Pin Configuration (DFN-4)
```text
+-------+
SCL | 1 4 | SDA
| [P] |
VSS | 2 3 | VDD
+-------+
(Bottom View / P = Thermal Pad)
```
1. **SCL:** Serial Clock (I2C input).
2. **VSS:** Ground.
3. **VDD:** Supply Voltage.
4. **SDA:** Serial Data (I2C bidirectional).
---
### Application Circuit Example
To integrate the SHT43 into a circuit, minimal external components are required:
```c
// Typical Schematic Requirements:
// 1. VDD to VSS: 100nF decoupling capacitor (placed close to the chip).
// 2. SDA/SCL lines: 1kOhm to 10kOhm pull-up resistors (connected to VDD).
// 3. Thermal Pad: Should be left floating or connected to VSS.
```
---
- ⤷How does the integrated heater improve sensor longevity in high-humidity environments?
- ⤷ What are the specific I2C address options for the SHT43-BDCB-R3?
- ⤷ Can this sensor be used in automotive applications requiring AEC-Q100 qualification?