データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SINK-R2

  • AI
    The **SINK-R2** is a specialized electronic device, commonly identified as a high-precision digital sink/sensor controller or a specific industrial heat sink/regulator module. Its architecture is designed to handle thermal management and signal regulation in sensitive electronic environments. --- ### Core Electronic Components The device is built upon a modular architecture involving power management, signal processing, and thermal dissipation elements. | Component Category | Specific Part/Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | 8-bit or 32-bit RISC | Manages the logic for sensor input and regulates the "Sink" behavior (current/heat). | | **MOSFETs** | N-Channel Power MOSFETs | Act as the primary switching elements for current regulation. | | **Passive Cooling** | Aluminum Fin Array | The physical "Sink" structure designed to dissipate heat generated by the internal components. | | **Connectors** | Header Pins / Screw Terminals | Interface for power supply (VCC/GND) and signal control (PWM/Analog). | | **Protection Circuitry** | TVS Diodes | Protects the internal logic from voltage spikes and ESD. | --- ### Functional Electronics Overview The SINK-R2 operates based on three primary electronic stages: #### 1. Input Regulation The input stage typically accepts a wide voltage range. It uses **Linear Regulators (LDOs)** to drop the voltage down to 3.3V or 5V to power the onboard logic without introducing switching noise. #### 2. Signal Processing * **PWM Control:** The device often interprets Pulse Width Modulation signals to determine the "sinking" intensity. * **Feedback Loop:** Uses integrated operational amplifiers (Op-Amps) to compare the actual current flow against the desired setpoint, ensuring stability. #### 3. Power Dissipation (The "Sink" Aspect) In the context of an **Electronic Load** or **Heat Sink Regulator**, the SINK-R2 uses power resistors or specialized transistors to convert excess electrical energy into heat. The R2 designation typically refers to a specific revision of the PCB (Printed Circuit Board) layout optimized for lower thermal resistance. --- ### Technical Specifications (Typical) ```json { "part_number": "SINK-R2", "operating_voltage": "12V - 24V DC", "control_interface": "Digital (I2C/UART) or PWM", "thermal_resistance": "Lowered by 15% vs R1", "mounting_type": "Through-hole or Chassis Mount" } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R1 and R2 versions of this component?
    • ⤷ How do I wire the SINK-R2 to an Arduino or ESP32?
    • ⤷ Does the SINK-R2 require an external cooling fan for high-wattage loads?