データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SKY77458

  • AI
    ## Overview of SKY77458 The **SKY77458** is a high-performance **Front-End Module (FEM)** manufactured by Skyworks Solutions. It is specifically designed for mobile devices (smartphones, tablets) to support high-speed data transmission across multiple frequency bands. --- ### 1. Core Component Functions The SKY77458 is not a single transistor but an Integrated Circuit (IC) that combines several electronic components into one package: | Component Type | Function in SKY77458 | | :--- | :--- | | **Power Amplifier (PA)** | Boosts the low-power signal from the transceiver to a level strong enough to be transmitted by the antenna. | | **Band Pass Filters** | Removes noise and ensures the device only transmits/receives within specific frequency ranges. | | **Duplexers** | Allows the device to send and receive signals simultaneously on the same antenna without interference. | | **Antenna Switch** | Routes signals between different bands (LTE, WCDMA) and the main antenna. | | **Coupler** | Monitors the output power to ensure the signal strength is optimized for battery life and regulatory compliance. | --- ### 2. Key Technical Specifications The module is highly integrated to save space on a PCB (Printed Circuit Board). * **Frequency Support:** Multi-band support, primarily targeting WCDMA and LTE (4G) bands. * **Technology:** Often utilizes **GaAs (Gallium Arsenide)** HBT (Heterojunction Bipolar Transistor) technology for the power amplifier sections to ensure high efficiency. * **Input/Output Impedance:** Internally matched to **50 Ohms**, simplifying the design process for hardware engineers. * **Supply Voltage:** Typically operates between **3.0V to 4.5V**, optimized for direct connection to Lithium-ion batteries. --- ### 3. Pinout and Integration Because this is a **Land Grid Array (LGA)** package, the electronic parts are interfaced through microscopic pads on the bottom of the chip. ```text Typical Interface Architecture: [ Transceiver ] ----> [ SKY77458 Input ] | [ Power Amp ] -> [ Duplexer ] -> [ Switch ] | | [ Power Management IC ] ---+ [ Main Antenna ] ``` --- ### 4. Common Use Cases This part is commonly found in the RF (Radio Frequency) section of mid-range to high-end mobile devices from the 4G LTE era. Its primary goal is to provide: 1. **High Power Added Efficiency (PAE):** Maximizing battery life during active calls or data usage. 2. **Compact Footprint:** Reducing the number of external capacitors and inductors needed on the motherboard.
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of a SKY77458 in a smartphone?
    • ⤷ Does the SKY77458 support 5G frequencies or is it limited to 4G/LTE?
    • ⤷ What is the recommended soldering temperature for replacing this LGA module?