データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SL08-M2KTB-R

  • AI
    The **SL08-M2KTB-R** is a specific surface-mount electronic component, primarily functioning as a **Schottky Barrier Rectifier**. These parts are widely used for polarity protection, high-frequency rectification, and switching power supplies due to their low forward voltage drop. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for this series: | Feature | Specification | | :--- | :--- | | **Component Type** | Schottky Barrier Diode | | **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 20V to 40V (Typical for SL08 series) | | **Average Rectified Forward Current ($I_{F}$)** | 0.8A to 1.0A | | **Peak Forward Surge Current ($I_{FSM}$)** | 25A - 30A | | **Forward Voltage Drop ($V_{F}$)** | Low (Approx. 0.45V - 0.50V) | | **Operating Temperature Range** | -55°C to +125°C | | **Package Type** | SOD-123FL (Low Profile) | --- ### 2. Breakdown of the Part Number While naming conventions can vary slightly by manufacturer (such as *Shikues* or *Micro Commercial Components*), the code generally breaks down as follows: * **SL08**: The series identifier, usually denoting a 0.8 Ampere low-voltage Schottky diode. * **M2**: Often a manufacturer-specific code for the internal wafer or die revision. * **KTB**: Packaging/Tape and Reel specification or internal manufacturing batch code. * **R**: Indicates that the part is supplied on a **Reel** for automated Pick-and-Place assembly. --- ### 3. Electronic Functionality The SL08-M2KTB-R operates based on a metal-to-semiconductor junction rather than a traditional P-N junction. This results in two primary advantages: 1. **Fast Switching Speed:** Because there is no minority carrier storage, the reverse recovery time ($t_{rr}$) is negligible. This makes it ideal for high-speed switching. 2. **Energy Efficiency:** The low forward voltage ($V_F$) minimizes power dissipation as heat, which is critical for battery-operated or compact mobile devices. --- ### 4. Common Applications * **DC-DC Converters:** Used as a freewheeling diode. * **Reverse Polarity Protection:** Prevents circuit damage if a battery or power supply is connected backward. * **Voltage Clamping:** Protecting sensitive inputs from voltage spikes. * **Mobile Electronics:** Due to the **SOD-123FL** package, it is extremely space-efficient for smartphones and tablets.
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum reverse voltage for the M2KTB variant?
    • ⤷ How does the SOD-123FL package compare to a standard SOD-123 in terms of height?
    • ⤷ What is the typical leakage current for this diode at room temperature?