データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SM-U8-R

  • AI
    The **SM-U8-R** is a specific wireless microphone receiver module, commonly used in UHF (Ultra High Frequency) wireless audio systems. These modules are often integrated into portable PA systems, active speakers, or standalone wireless receiver boxes. ### 1. Key Electronic Components The internal architecture of the SM-U8-R typically consists of several functional blocks: | Component Category | Description | | :--- | :--- | | **RF Front-End** | Contains the antenna input and band-pass filters to isolate the UHF signal (typically 600-900MHz range). | | **PLL Synthesizer** | (Phase-Locked Loop) Ensures frequency stability so the receiver stays locked onto the transmitter's signal. | | **FM Demodulator** | Extracts the analog audio signal from the modulated radio frequency wave. | | **Compander IC** | A noise reduction circuit that expands the compressed audio signal sent by the transmitter to restore dynamic range. | | **Low-Pass Filter** | Removes high-frequency switching noise and carrier remnants from the output audio. | --- ### 2. Technical Specifications (Typical) While specific revisions may vary, the SM-U8-R module generally follows these electrical parameters: * **Operating Voltage:** 5V to 12V DC (Varies by host integration). * **Frequency Range:** UHF (specific bands depend on regional regulations). * **Sensitivity:** Approximately -95dBm to -105dBm. * **Audio Output:** Unbalanced mono signal (line level). * **Current Consumption:** < 100mA. --- ### 3. Pinout and Connectivity The module usually interfaces with a motherboard via a multi-pin header (often 3 to 5 pins). Common pin assignments include: 1. **VCC:** Power input (+). 2. **GND:** Common Ground. 3. **OUT:** Audio signal output. 4. **SQL/Mute:** Squelch control signal to mute the audio when no RF signal is detected. 5. **RSSI:** (Optional) Received Signal Strength Indicator. ### 4. Application Circuit Example To use this module in a custom project, a basic wiring scheme is required: ```markdown [Antenna] -> [SM-U8-R] -> [Pre-Amplifier] -> [Power Amp] | [5V Regulator] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact pinout diagram for the 5-pin SM-U8-R version?
    • ⤷ How do I sync a transmitter to the SM-U8-R receiver?
    • ⤷ Which frequency bands does the SM-U8-R support for North American use?