データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SMART3000NET

  • AI
    The **Tripp Lite SMART3000NET** is a line-interactive Uninterruptible Power Supply (UPS) designed for servers, networking equipment, and telecom hardware. Its electronic architecture is built to balance battery efficiency with power conditioning. Below is an explanation of its primary electronic components and systems. --- ## 1. Core Electronic Components The SMART3000NET utilizes several critical subsystems to manage power flow and protection: | Component | Function | | :--- | :--- | | **Microprocessor** | The "brain" that monitors input voltage, battery health, and load levels. | | **AVR Transformer** | Automatic Voltage Regulation (Multi-tap) to adjust voltage without using batteries. | | **Inverter (MOSFETs)** | Converts DC battery power into AC power during an outage. | | **Rectifier / Charger** | Converts incoming AC to DC to keep the internal batteries charged. | | **Relay Array** | Switches the circuit between Line mode, AVR mode, and Battery mode. | | **DB9/SNMP Interface** | Provides serial communication and network management capabilities. | --- ## 2. Power Conditioning Architecture The most significant electronic feature of this model is its **Line-Interactive** design. ### Automatic Voltage Regulation (AVR) Instead of switching to battery every time the voltage fluctuates, the SMART3000NET uses an internal transformer with multiple "taps." - **Brownouts:** If voltage drops, the electronics trigger a relay to a higher tap to "boost" the voltage. - **Overvoltage:** If voltage spikes, it switches to a lower tap to "trim" the voltage. - **Benefit:** This preserves battery life and reduces internal heat. ### Surge and Noise Suppression The input stage contains **MOVs (Metal Oxide Varistors)** and electromagnetic interference (EMI/RFI) filters. These components shunt high-voltage transients to the ground and smooth out "dirty" power that can crash sensitive electronics. --- ## 3. Battery Management System (BMS) The electronics governing the battery are designed for high-availability environments. - **Battery Configuration:** It typically uses a 48V DC system (usually four 12V 9Ah or 10Ah batteries in series). - **Hot-Swappable Circuitry:** The electronic backplane allows for battery replacement without powering down the connected load. - **Intelligent Charging:** The unit uses a multi-stage charging profile to prevent overcharging and electrolyte "dry-out," extending the lifespan of the VRLA (Valve Regulated Lead Acid) cells. --- ## 4. Communication Ports The SMART3000NET is known for its legacy and modern connectivity options: 1. **DB9 Serial Port:** Uses contact closure or basic RS-232 protocols to communicate with servers for graceful shutdown. 2. **SNMP Slot:** An internal expansion slot for a Web/SNMP card (like the SNMPWEBCARD), which adds an independent Network Interface Card (NIC) to the UPS electronics for remote management. --- ## 5. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Output Capacity** | 3000 VA / 2400 Watts | | **Waveform Type** | Sine Wave (Line Mode) / PWM Sine Wave (Battery Mode) | | **Nominal Voltage** | 120V AC | | **Transfer Time** | 2-4 milliseconds (Typical) | | **DC System Voltage** | 48V DC |
    ✨ Follow-up Questions
    • ⤷ How do I replace the batteries in a SMART3000NET without losing power to my equipment?
    • ⤷ What is the difference between the DB9 port and the SNMP card slot functionality?
    • ⤷ Why does the 'Site Wiring Fault' LED light up on this unit?