データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SMC1210-R33M

  • AI
    The **SMC1210-R33M** is a surface-mount fixed inductor, typically used for power management and signal filtering. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. Part Number Deciphering Understanding the naming convention helps identify the component's core attributes: | Component Segment | Meaning | Specification | | :--- | :--- | :--- | | **SMC** | Series Type | Surface Mount Chip Inductor (Wire-wound) | | **1210** | Case Size | 1210 Imperial (3.2mm x 2.5mm) | | **R33** | Inductance Value | 0.33 µH (Microhenries) | | **M** | Tolerance | ±20% | --- ### 2. Technical Specifications The typical electrical parameters for this specific part are as follows: * **Inductance:** 0.33 µH * **DC Resistance (DCR):** Usually very low (typically < 0.1 Ω), allowing for high efficiency. * **Rated Current:** Capable of handling moderate current levels (often between 500mA to 1.5A depending on the specific manufacturer). * **Self-Resonant Frequency (SRF):** High SRF, making it suitable for high-frequency applications. * **Operating Temperature:** Generally rated from -40°C to +125°C. --- ### 3. Construction and Material * **Core Material:** Usually Ferrite or Ceramic. For the R33 (low inductance), it often utilizes a wire-wound construction around a ferrite core to achieve high Q factors. * **Termination:** Lead-free (RoHS compliant) solder coating (usually Matte Tin over Nickel). * **Shielding:** Most SMC series are **unshielded**, meaning they may have more electromagnetic interference (EMI) leakage compared to "shielded" variants. --- ### 4. Common Applications Due to its small size and 0.33 µH inductance value, the SMC1210-R33M is commonly used in: 1. **DC-DC Converters:** As an output filter inductor for high-frequency switching regulators. 2. **Noise Suppression:** Filtering high-frequency noise on power lines or signal lines. 3. **RF Circuits:** Decoupling and matching applications in telecommunication devices. 4. **Consumer Electronics:** Used in tablets, smartphones, and portable peripherals. --- ### 5. Footprint Information (1210 Metric 3225) | Dimension | Millimeters (mm) | Inches (in) | | :--- | :--- | :--- | | **Length (L)** | 3.2 ± 0.3 | 0.126 | | **Width (W)** | 2.5 ± 0.2 | 0.098 | | **Thickness (T)** | ~2.2 | ~0.087 |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a shielded and unshielded inductor in a 1210 package?
    • ⤷ How does the 'M' tolerance impact the stability of a DC-DC converter?
    • ⤷ Which manufacturers produce equivalents for the SMC1210-R33M?