データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SMDCHR1210-R22

  • AI
    The **SMDCHR1210-R22** is a specific surface-mount electronic component. Based on the alphanumeric code, this part is typically a **High-Reliability (HR) Chip Inductor** or a **Wire-wound Inductor** in a 1210 package size. --- ### 1. Part Number Breakdown To understand the component, we can deconstruct the naming convention: | Segment | Meaning | Description | | :--- | :--- | :--- | | **SMD** | Surface Mount Device | Designed to be soldered directly onto the PCB surface. | | **CHR** | Chip High Reliability | Often signifies a wire-wound construction with high Q-factors. | | **1210** | Case Size | Dimensions in inches (0.12 x 0.10 inches) or 3225 in metric. | | **R22** | Value | Represents **0.22 µH** (Microhenries). The 'R' acts as a decimal point. | --- ### 2. Technical Specifications (Typical) While specifications can vary slightly by manufacturer (such as Bourns or Gowanda), the standard parameters for an R22 inductor in a 1210 package are generally: * **Inductance:** 0.22 µH * **Tolerance:** Commonly ±10% (K) or ±20% (M). * **DCR (DC Resistance):** Usually very low (range of 0.15 to 0.45 Ohms) to minimize power loss. * **SRF (Self-Resonant Frequency):** Typically high (above 400-500 MHz), making it suitable for high-frequency filtering. * **Rated Current:** Usually handles between 400mA to 800mA depending on the internal wire gauge. --- ### 3. Physical Characteristics The **1210 (3225 Metric)** form factor is larger than standard 0805 or 0603 chips, allowing for: * **Higher Current Handling:** More physical space for thicker copper windings. * **Better Heat Dissipation:** Larger surface area to manage thermal loads. * **Construction:** Usually a ceramic core with copper wire wrapped around it, encapsulated in epoxy or a molded resin. --- ### 4. Common Applications This specific value (0.22 µH) is frequently used in the following circuits: 1. **DC-DC Converters:** Acts as an energy storage element in high-frequency switching power supplies. 2. **RF Filtering:** Used in "Bias-T" circuits or as a high-impedance element to block AC noise while passing DC. 3. **Signal Decoupling:** Placed near high-speed ICs to filter out electromagnetic interference (EMI). ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for this specific 1210 inductor?
    • ⤷ Are there alternative values to R22 for better noise filtering?
    • ⤷ Which manufacturers are the primary producers of CHR series inductors?