データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SMM0204VB3JB3

  • AI
    The **SMM0204VB3JB3** is a specific part number for a professional-grade MELF (Metal Electrode Leadless Face) resistor manufactured by **Vishay Beyschlag**. These resistors are known for their high reliability and stability in harsh environments. --- ### 1. Part Number Breakdown To understand the specifications, we can decode the part number: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **SMM0204** | Series/Size | MELF size 0204 (Equivalent to SMD 1206 footprint length) | | **V** | TCR | Temperature Coefficient of Resistance (typically ±50 ppm/K) | | **B3** | Resistance Value | "B3" is a multiplier code; common value is often **3.3kΩ** (Check datasheet for exact B-code mapping) | | **J** | Tolerance | ±5% | | **B3** | Packaging | Bulk or Blister tape/reel specification | --- ### 2. Technical Specifications This component is built using thin-film technology. Below are the typical technical parameters for the SMM0204 series: * **Type:** Cylindrical SMD Resistor (MELF). * **Power Rating ($P_{70}$):** 0.4 W (up to 0.25W in standard mode). * **Operating Voltage:** 200V (maximum). * **Operating Temperature:** -55°C to +155°C. * **Construction:** High-grade ceramic core with a metal film resistive layer and tin-plated terminations. --- ### 3. Key Advantages of MELF Resistors Unlike standard flat-chip (thick film) resistors, the SMM0204 offers superior performance in specific areas: 1. **Pulse Loading:** The cylindrical shape provides a larger resistive element surface area, allowing it to handle higher energy pulses and surges. 2. **Long-term Stability:** Excellent resistance against moisture and environmental aging (Low drift < 0.1% after 1000h). 3. **Low Noise:** High-quality thin film results in very low current noise, making it ideal for precision audio or measurement circuits. --- ### 4. Common Applications * **Automotive Electronics:** Engine control units, lighting systems, and safety electronics. * **Industrial Power Supplies:** Used in DC/DC converters and feedback loops. * **Telecommunications:** Base station equipment requiring high reliability. * **Medical Equipment:** High-precision diagnostic devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between MELF resistors and standard SMD chip resistors?
    • ⤷ Can you provide the exact resistance value mapping for the 'B3' suffix?
    • ⤷ Which soldering methods are recommended for SMM0204 components?