データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SMS-E-R

  • AI
    The **SMS-E-R** (often associated with the **SMS Relay** series or specific industrial GSM controller modules) is an electronic device designed for remote monitoring and control via the GSM cellular network. It allows users to switch electrical loads or monitor sensors through SMS text messages. --- ### Core Electronic Components The device is composed of several functional blocks that enable its communication and control capabilities: | Component Type | Part Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | ARM Cortex or ATMega based | The "brain" that processes incoming SMS commands and manages the I/O logic. | | **GSM/GPRS Module** | SIMCom (e.g., SIM800) or Quectel | Handles cellular connectivity, SMS transmission, and network registration. | | **Relay Switches** | SPDT Electromechanical Relays | Physical switches used to turn high-voltage/high-current devices ON or OFF. | | **Voltage Regulator** | Buck Converter / LDO | Steps down input power (usually 12V-24V DC) to 3.3V or 5V for the internal logic. | | **Digital/Analog Inputs** | Optocouplers or ADC Pins | Detects the state of external sensors (e.g., door sensors, temperature probes). | | **SIM Card Slot** | Nano/Micro SIM Holder | Interface for the SIM card required for network authentication. | --- ### Functional Operation 1. **Signal Reception**: The GSM module receives an encoded radio frequency signal via the **External Antenna**. 2. **Command Parsing**: The MCU reads the SMS from the GSM module's memory, verifies the sender's phone number (security check), and parses the text command (e.g., "RELAY1 ON"). 3. **Actuation**: The MCU sends a high signal to a **Transistor/Driver IC**, which energizes the coil of the relay, closing the circuit for the external load. 4. **Feedback**: The device often sends a confirmation SMS back to the user to verify the action was successful. ### Technical Specifications (Typical) * **Power Supply:** 9V – 24V DC. * **Relay Rating:** Typically 10A @ 250VAC or 30VDC. * **Network:** 2G (GSM/GPRS) or 4G (LTE) depending on the specific model version. * **Protection:** Integrated MOV (Metal Oxide Varistor) for surge protection and Opto-isolation for inputs to prevent noise interference. ---
    ✨ Follow-up Questions
    • ⤷ How do I wire a 220V appliance to the SMS-E-R relay output?
    • ⤷ Can the SMS-E-R be programmed to trigger based on temperature thresholds?
    • ⤷ What is the difference between the 2G and 4G versions of these SMS controllers?