データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SMS-R005

  • AI
    ## SMS-R005 Electronic Component Overview The **SMS-R005** is a high-precision, surface-mount (SMD) **Current Sense Resistor**. It is specifically designed for power management circuits where measuring the flow of current with high accuracy and low power loss is critical. --- ### 1. Key Technical Specifications The alphanumeric code "R005" represents the resistance value according to standard electronic marking conventions. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.005 $\Omega$ (5 m$\Omega$) | Very low resistance to minimize voltage drop. | | **Material** | Metal Element / Manganese | High stability and low noise. | | **Standard Tolerance** | ±1% | Precision grade for accurate sensing. | | **Power Rating** | 1W - 5W | Varies by package size (typically 2W - 3W). | | **Temperature Coefficient** | ±50 ppm/°C | Minimal change in resistance as heat increases. | --- ### 2. Functional Characteristics Current sense resistors like the SMS-R005 operate on **Ohm’s Law ($V = I \times R$)**. By placing this component in series with a load: * A small voltage drop is created across the resistor. * The monitoring circuit measures this voltage. * Since $R$ is known (5 m$\Omega$), the system calculates the current ($I$) precisely. #### Advantages: * **Low Inductance:** Necessary for high-frequency switching applications. * **High Pulse Power:** Can withstand brief surges without burning out. * **Thermal Management:** Often features a construction that dissipates heat efficiently to the PCB. --- ### 3. Common Applications These parts are typically found in power-heavy electronics where monitoring battery life or motor torque is essential: * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in Li-ion packs. * **DC-DC Converters:** Controlling output current stability. * **Motor Controllers:** Detecting over-current conditions to prevent motor failure. * **Power Supplies:** Load sensing in high-efficiency PSU units. --- ### 4. Comparison Table: SMS vs. Standard Resistors | Feature | Standard Carbon Resistor | SMS-R005 (Metal Element) | | :--- | :--- | :--- | | **Heat Tolerance** | Moderate | High | | **Precision** | Low to Moderate | High | | **Inductance** | High | Ultra-Low | | **Primary Use** | Voltage division / Limiting | Current Measurement |
    ✨ Follow-up Questions
    • ⤷What are the standard SMD package sizes for the SMS-R005 resistor?
    • ⤷ How do I calculate the voltage drop across an SMS-R005 at 10 Amps?
    • ⤷ What is the difference between 2-terminal and 4-terminal current sense resistors?