データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SMS-R018-1.0

  • AI
    ### Electronic Overview: SMS-R018-1.0 The **SMS-R018-1.0** is a specialized electronic component commonly used for **current sensing** applications. It is a high-precision, low-resistance shunt resistor manufactured by Isabellenhütte (or similar precision resistor manufacturers). --- ### 1. Technical Specifications Below are the primary electronic characteristics of the SMS-R018-1.0: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 18 mΩ (0.018 Ohms) | | **Tolerance** | ± 1.0% | | **Power Rating** | 5 Watts (typically at 70°C) | | **Temperature Coefficient** | < 50 ppm/K (Standard) | | **Operating Temp Range** | -65°C to +170°C | | **Construction** | Metal Element (Manganin) | --- ### 2. Key Features * **Surface Mount Design (SMD):** The "SMS" prefix denotes a Surface Mount Series, allowing for automated assembly on PCBs. * **Low Inductance:** Its flat, metal-strip construction results in extremely low inductance (< 3 nH), making it suitable for high-frequency switching environments. * **Thermal Stability:** The use of Manganin as the resistive element ensures that the resistance remains stable even as the component heats up during high current flow. * **Long-term Stability:** Excellent load life stability, typically showing less than 0.5% drift over thousands of hours. --- ### 3. Functional Application In a circuit, the **SMS-R018-1.0** acts as a **Shunt Resistor**. By measuring the voltage drop across this component, the system controller can calculate the current flowing through the line using Ohm's Law ($I = V/R$). #### Common Use Cases: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles. 2. **Motor Controllers:** Sensing phase currents to manage torque and speed. 3. **Power Supplies:** Implementing over-current protection (OCP). 4. **Automotive Electronics:** Current sensing in EV/HEV power modules. --- ### 4. Part Number Breakdown ```text SMS - R018 - 1.0 | | | | | +-- Tolerance (± 1.0%) | +--------- Resistance Value (0.018 Ohms) +---------------- Series Name (Surface Mount Sensor) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its 5W power rating?
    • ⤷ How does the temperature coefficient affect measurement accuracy in high-heat environments?
    • ⤷ Are there alternative resistance values available in the SMS series for higher sensitivity?