データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SN74LVC2G53_15

  • AI
    ## Overview of the SN74LVC2G53 The **SN74LVC2G53** is a high-performance, low-voltage CMOS **2-channel analog multiplexer/demultiplexer**. It acts as an electronic switch that can connect a common output/input port to one of two independent ports based on a control signal. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Family** | LVC (Low-Voltage CMOS) | | **Supply Voltage ($V_{CC}$)** | 1.65 V to 5.5 V | | **Configuration** | 2:1 Multiplexer (SPDT) | | **On-State Resistance ($R_{on}$)** | ~6.0 $\Omega$ (at 4.5 V $V_{CC}$) | | **Bandwidth** | Up to 300 MHz | | **Operating Temperature** | -40°C to +125°C | | **Package Options** | VSSOP (8), SOT-23 (8), DSBGA (8) | --- ### 2. Functional Description The device consists of a digital control section and an analog switch section. It is designed to handle both digital and analog signals. #### Pin Functions * **Y0, Y1**: Independent input/output ports. * **COM**: Common input/output port. * **S (Select)**: Digital input that determines which Y port is connected to COM. * **$\overline{E}$ (Enable)**: Active-low input. When HIGH, the switch is in a high-impedance (OFF) state. #### Truth Table | Enable ($\overline{E}$) | Select (S) | ON Channel | | :---: | :---: | :---: | | L | L | COM to Y0 | | L | H | COM to Y1 | | H | X | None (Disconnected) | --- ### 3. Electronic Characteristics * **Rail-to-Rail Switching:** The switch can handle input signal levels from $GND$ to $V_{CC}$. * **Low Power Consumption:** Uses CMOS technology, resulting in a maximum static $I_{CC}$ of only 10 $\mu$A. * **Ioff Circuitry:** Supports partial-power-down mode operation, preventing damaging current backflow when the device is powered down. * **Break-Before-Make:** Ensures that one switch opens before the other closes, preventing signal overlap and shorting between channels. --- ### 4. Typical Applications 1. **Audio/Video Signal Routing:** Switching between two different audio sources into one amplifier. 2. **Sample-and-Hold Circuits:** Used in data acquisition systems to capture voltage levels. 3. **Communication Systems:** Switching between different clock sources or data paths in mobile devices. 4. **Battery Powered Equipment:** Due to its low voltage range and low power consumption. --- ### 5. Implementation Example Below is a conceptual connection for switching between two sensors: ```c /* Pseudocode for controlling the SN74LVC2G53 via MCU */ #define SELECT_PIN 2 #define ENABLE_PIN 3 void setup() { pinMode(SELECT_PIN, OUTPUT); pinMode(ENABLE_PIN, OUTPUT); } void selectSensor(int sensor) { digitalWrite(ENABLE_PIN, LOW); // Enable the chip if(sensor == 0) digitalWrite(SELECT_PIN, LOW); // Connect COM to Y0 else digitalWrite(SELECT_PIN, HIGH); // Connect COM to Y1 } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency response of the SN74LVC2G53?
    • ⤷ How does the ON-resistance change with the supply voltage (Vcc)?
    • ⤷ Can this chip be used for bidirectional signal flow?