データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SN761663

  • AI
    ## Overview of the SN761663 The **SN761663** is a high-integration, single-chip **FM/TV Tuner IC** manufactured by Texas Instruments. It is primarily designed for analog and digital television systems, PC TV tuners, and set-top boxes. Its main function is to down-convert high-frequency RF signals to an Intermediate Frequency (IF). --- ### 1. Key Internal Components The SN761663 integrates several electronic subsystems into a single package to reduce external component count: | Component | Function | | :--- | :--- | | **PLL Synthesizer** | Controls the frequency with high precision via an I2C bus. | | **Mixer/Oscillator** | Combines the RF signal with a local oscillator to create the IF signal. | | **LNA (Low Noise Amp)** | Amplifies the incoming weak signal while minimizing added noise. | | **Band Switch** | Selects between different frequency bands (VHF-Low, VHF-High, UHF). | | **Voltage Regulator** | Internal stabilization to ensure steady performance despite power fluctuations. | --- ### 2. Technical Specifications Below are the typical operating parameters for the IC: | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage (Vcc)** | 5.0V (Standard) | | **Frequency Range** | 40 MHz to 865 MHz | | **Control Interface** | I2C Bus (up to 400 kHz) | | **Package Type** | 32-pin TSSOP / VQFN | | **Power Consumption** | Low power architecture for energy efficiency | --- ### 3. Pinout Functions (Key Pins) The chip utilizes a 32-pin configuration. Some of the most critical pins include: * **RF_IN:** The input for the television signal from the antenna or cable. * **SCL / SDA:** Serial Clock and Serial Data pins for I2C communication. * **IF_OUT:** The output pins for the processed intermediate frequency signal. * **AS:** Address Select pin to change the I2C address (allows multiple chips on one bus). * **VTUNE:** Tuning voltage output for the varactor diodes in the external tank circuits. --- ### 4. Circuit Implementation When designing a PCB with the SN761663, engineers must focus on: 1. **Impedance Matching:** Ensuring the RF input is matched (usually 75 ohms) to prevent signal reflection. 2. **Decoupling:** Placing ceramic capacitors close to the Vcc pins to filter high-frequency noise. 3. **Shielding:** Because it operates at high frequencies, the IC is often placed inside a metal "can" (tuner module) to prevent Electromagnetic Interference (EMI). ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the SN761663 and the SN761668?
    • ⤷ How do you program the frequency registers via the I2C bus?
    • ⤷ What are the common causes of signal noise in this specific tuner IC?