データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SNN60-RXP

  • AI
    The **SNN60-RXP** is a specific electronic sub-component typically associated with high-frequency power modules or specialized RF (Radio Frequency) power amplifiers. While the exact internal circuitry can vary by manufacturer (often branded under power supply or RF component specialists), it generally falls into the category of a **Regulated Switching Power Module**. --- ### 1. Key Electronic Characteristics The SNN60-RXP is designed to handle high-density power conversion. Its internal parts are optimized for efficiency and heat dissipation. | Feature | Description | | :--- | :--- | | **Component Type** | DC-DC Converter / RF Power Module | | **Main Function** | High-precision voltage regulation and power distribution | | **Frequency Range** | Usually optimized for MHz range operations | | **Cooling Method** | Metal baseplate for conduction cooling | | **Protection Circuitry** | Over-voltage (OVP), Over-current (OCP), and Thermal Shutdown | --- ### 2. Internal Electronic Parts Overview The device consists of several critical stages that manage the flow of electricity: 1. **Input Filter Stage**: Consists of high-grade **MLCC (Multi-Layer Ceramic Capacitors)** and inductors designed to suppress Electromagnetic Interference (EMI) from the source. 2. **Power MOSFETs**: High-speed switching transistors (often Gallium Nitride (GaN) or Silicon Carbide (SiC) in modern versions) that toggle the input voltage at high frequencies. 3. **Pulse Width Modulation (PWM) Controller**: The "brain" of the unit that adjusts the duty cycle of the switches to maintain a steady output voltage regardless of load changes. 4. **Isolation Transformer**: A high-frequency ferrite core transformer that provides galvanic isolation between the input and output. 5. **Rectification & Smoothing**: Schottky diodes or synchronous rectifiers that convert the high-frequency AC back into clean DC, followed by low-ESR capacitors. --- ### 3. Connection and Pinout Logic Most "RXP" series modules follow a standardized pinout architecture for industrial integration: ```markdown Pin Layout Concept: [ +Vin ] ---- [ Input Power ] [ -Vin ] ---- [ Ground ] [ CTRL ] ---- [ Enable/Disable Signal ] [ +Vout] ---- [ Regulated Output ] [ -Vout] ---- [ Return Path ] [ SENSE] ---- [ Voltage Compensation ] ``` --- ### 4. Common Applications Due to its robust design, the SNN60-RXP is frequently found in: * **Telecommunications**: Powering base station transceivers. * **Industrial Automation**: Driving precision sensors and actuators. * **Aerospace**: Situations where weight and efficiency are critical.
    ✨ Follow-up Questions
    • ⤷ What are the specific input and output voltage ratings for the SNN60-RXP?
    • ⤷ How does the SNN60-RXP compare to standard linear regulators in terms of efficiency?
    • ⤷ Are there specific mounting requirements for the heat dissipation plate on this module?