データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SPM-7700AG

  • AI
    The **SPM-7700AG** is a specialized power management component, typically categorized as a **High-Efficiency Synchronous Buck (Step-Down) Converter** or a Power Module often used in industrial and telecommunications equipment. Below is an overview of its electronic characteristics and functional components. --- ## 1. Core Specifications The SPM-7700AG is designed to convert higher input voltages into stable, lower output voltages with high current capability. | Parameter | Typical Value / Description | |:---|:---| | **Type** | Synchronous Step-Down DC-DC Converter | | **Input Voltage Range** | Typically 8V to 28V (model dependent) | | **Output Current** | Up to 7A - 10A | | **Efficiency** | >90% under optimal loads | | **Switching Frequency** | Internal oscillator (Fixed) | | **Package Type** | Often found in a SIP (Single In-line Package) or specific SMD module | --- ## 2. Internal Electronic Architecture The internal circuitry of the SPM-7700AG integrates several key stages to ensure power stability: ### A. Power Stage * **High-Side MOSFET:** Acts as the primary switch controlling energy flow. * **Synchronous Rectifier (Low-Side MOSFET):** Replaces the traditional Schottky diode to reduce conduction losses, significantly increasing efficiency. * **Integrated Inductor:** In many "AG" series modules, the inductor is integrated into the package to minimize Electromagnetic Interference (EMI). ### B. Control Circuitry * **PWM Controller:** Uses Pulse Width Modulation to maintain a constant output voltage regardless of load changes. * **Feedback Loop:** A precision voltage reference and error amplifier monitor the output pin. * **Soft-Start Circuit:** Limits the inrush current during startup to protect upstream components. --- ## 3. Protection Features To ensure the longevity of the electronic assembly, the SPM-7700AG includes built-in safeguards: 1. **Over-Current Protection (OCP):** Limits the output current if a short circuit occurs. 2. **Over-Voltage Protection (OVP):** Shuts down the device if the output exceeds a safe threshold. 3. **Thermal Shutdown (OTP):** Automatically disables the switching if the internal junction temperature exceeds safety limits (usually around 150°C). 4. **UVLO (Under Voltage Lockout):** Prevents the device from operating if the input voltage is too low to drive the internal MOSFETs effectively. --- ## 4. Typical Application Circuit When designing with the SPM-7700AG, the external component count is minimal: ```mermaid graph LR Vin[Input Voltage] --> Cin[Input Capacitor] Cin --> SPM[SPM-7700AG Module] SPM --> Cout[Output Capacitor] Cout --> Load[Application Load] SPM -.-> FB[Feedback Resistors] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pin configurations for the SPM-7700AG?
    • ⤷ How does the 'AG' suffix distinguish this model from the standard SPM-7700 series?
    • ⤷ What are the thermal management requirements for this module at 7A loads?