データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SQL100A

  • AI
    The **SQL100A** is a high-power, three-phase bridge rectifier module commonly used to convert Alternating Current (AC) into Direct Current (DC) in industrial applications. ### 1. Key Specifications The nomenclature "SQL100A" typically follows standard industrial coding where **100A** represents the maximum average forward current. | Parameter | Value (Typical) | Description | | :--- | :--- | :--- | | **Current Rating ($I_{f}$)** | 100 Amperes | Maximum average rectified output current. | | **Voltage Rating ($V_{RRM}$)** | 1000V - 1600V | Peak repetitive reverse voltage the diodes can handle. | | **Phase** | 3-Phase | Designed for three AC input lines. | | **Operating Temperature** | -40°C to +150°C | Standard industrial thermal range. | | **Terminal Count** | 5 Terminals | 3 for AC input (~), 2 for DC output (+ / -). | --- ### 2. Internal Electronic Structure The module consists of **six power diodes** arranged in a bridge configuration. Unlike a single-phase bridge (4 diodes), the three-phase bridge utilizes two diodes for each incoming phase to ensure a smoother DC output. #### Circuit Logic: * **Input:** Three AC terminals ($L1, L2, L3$). * **Rectification:** The diodes only allow current to flow in one direction. * **Output:** The peaks of the three sine waves overlap, resulting in a DC voltage with much lower "ripple" compared to single-phase rectification. --- ### 3. Physical Components & Housing To handle 100A of current, the physical construction focuses on thermal management and durability: 1. **Diodes (Dies):** Large-area silicon wafers capable of high current density. 2. **Baseplate:** Usually made of **Copper** or **Aluminum** with a nickel coating. It is electrically isolated but provides high thermal conductivity to move heat to an external heatsink. 3. **Encapsulation:** The internal parts are potted in **Epoxy Resin** or protected by a high-temperature plastic shell to prevent moisture ingress and electrical arcing. 4. **Terminals:** Heavy-duty screw terminals (usually M5 or M6) to ensure low-resistance connections. --- ### 4. Common Applications Due to its high current capacity, the SQL100A is found in: * **DC Motor Drives:** Providing power for industrial motors. * **Battery Chargers:** For large forklift or telecom battery banks. * **Welding Machines:** Converting transformer AC to DC for stable welding arcs. * **Inverters:** As the initial "Rectifier Stage" in Variable Frequency Drives (VFDs). --- ### 5. Safety & Installation Note When using an SQL100A, a **Heatsink** is mandatory. At 100A, the forward voltage drop (approx. 1.2V per diode) generates significant heat. Thermal paste must be applied between the module baseplate and the heatsink for efficient cooling.
    ✨ Follow-up Questions
    • How do I calculate the heat dissipation requirements for an SQL100A?
    • What is the difference between an SQL and an MDS series rectifier?
    • Can I use an SQL100A for a single-phase AC input?