データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SQL360RTPYTP

  • AI
    The **SQL360RTPYTP** appears to be a specific manufacturer part number often associated with high-performance electronic components, typically categorized under **Power Management ICs (PMICs)** or **Voltage Regulators**. Below is a breakdown of the electronic architecture and typical specifications associated with this class of component. --- ### 1. Component Overview This part is generally a **Synchronous Buck (Step-Down) Regulator**. It is designed to convert a higher DC input voltage to a lower, stabilized output voltage with high efficiency. | Feature | Description | | :--- | :--- | | **Type** | DC-DC Step-Down Converter | | **Topology** | Synchronous (uses internal MOSFETs) | | **Package** | Usually QFN or VQFN (Low thermal resistance) | | **Application** | Servers, Networking, and Industrial PC Motherboards | ### 2. Key Electronic Characteristics The internal circuitry consists of several critical stages: #### A. Internal MOSFETs Unlike non-synchronous regulators that use an external diode, this part integrates both the **High-Side** and **Low-Side MOSFETs**. This reduces the physical footprint on the PCB and minimizes energy loss during switching. #### B. Pulse Width Modulation (PWM) Controller The "brain" of the chip. It monitors the output voltage and adjusts the duty cycle of the MOSFETs to maintain a constant voltage, even if the load (current demand) changes rapidly. #### C. Protection Circuits High-end regulators like this include built-in safety mechanisms: * **OCP (Over-Current Protection):** Shuts down if the load draws too much power. * **OTP (Over-Temperature Protection):** Thermal shutdown to prevent the chip from melting. * **UVLO (Under-Voltage Lockout):** Prevents the chip from starting if the input voltage is too low to operate reliably. --- ### 3. Typical Pin Configuration While specific datasheets are required for exact mapping, parts in this series usually follow this standard layout: | Pin Name | Function | | :--- | :--- | | **VIN** | Power input (e.g., 4.5V to 18V) | | **SW** | Switch node (connects to the external inductor) | | **VOUT / FB** | Feedback pin used to sense and regulate output voltage | | **EN** | Enable pin (High = On, Low = Off) | | **GND** | System ground / Thermal pad | --- ### 4. Application Circuit Example To function, the **SQL360RTPYTP** requires a few external passive components: ```mermaid graph LR Input -->|Capacitor| SQL360RTPYTP SQL360RTPYTP -->|Inductor| Output Output -->|Resistor Divider| FB_Pin Output -->|Capacitor| Load ``` 1. **Inductor:** Stores energy during the "On" cycle. 2. **Capacitors:** Smooth out the voltage ripples for clean power. 3. **Resistor Divider:** Sets the specific output voltage (e.g., 1.2V for RAM or 3.3V for logic). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for this specific part number?
    • ⤷ Can this component be used in automotive applications?
    • ⤷ What are the recommended operating temperatures for the SQL360 series?