AI

## Part Number Overview: SR73W2HTTDR10F
This appears to be a **KOA Speer** surface-mount chip resistor. The part number can be decoded as follows, though you should confirm the details against the official KOA datasheet.
---
### Decoding the Part Number
| Segment | Meaning (Likely) |
|---|---|
| **SR** | KOA Speer resistor series prefix |
| **73** | Package size code, typically **2512** (6432 metric) |
| **W2H** | Power rating class, approximately **2 W** |
| **TTD** | Packaging code, typically **embossed tape and reel** |
| **R10** | Resistance value: **0.10 Ω** ("R" acts as the decimal point) |
| **F** | Resistance tolerance: **±1%** |
---
### Key Electrical Characteristics
| Parameter | Typical Value |
|---|---|
| Resistance | 0.1 Ω (100 mΩ) |
| Tolerance | ±1% |
| Power Rating | ~2 W |
| Package | 2512 (6.4 mm × 3.2 mm) |
| Construction | Thick film chip resistor |
| Typical Use | Current sensing, power circuits, overcurrent protection, power supply feedback |
---
### Typical Applications
- **Current sensing** in power supplies, motor drives, and battery management systems
- **Overcurrent protection** circuits
- **Load and power monitoring**
- **Pull-up/pull-down** and general power-handling roles where low resistance is needed
---
### Practical Notes
- **Verify the datasheet:** Confirm the exact series, power rating, temperature coefficient (TCR), and operating limits on KOA's website before designing.
- **PCB layout:** For low-value current-sense use, use Kelvin (4-wire) connections and wide copper traces to minimize error and heating.
- **Derating:** Operate well below the rated power for reliability, especially at elevated temperatures.
- ⤷What is the difference between a thick film and a thin film chip resistor?
- ⤷ How do I calculate the power dissipation for a 0.1 Ω current-sense resistor?
- ⤷ What PCB layout practices improve accuracy for current-sense resistors?