データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SRP0510F-R68M

  • AI
    The **SRP0510F-R68M** is a high-current, shielded power inductor manufactured by Bourns. It is part of the SRP series, which is designed to meet the high-density requirements of modern consumer electronics and industrial applications. --- ## 1. Technical Specifications The part number encodes the specific electrical characteristics of the component. | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 0.68 µH | Rated at 100 kHz / 1 V | | **Tolerance** | ±20% | Indicated by the "M" suffix | | **DC Resistance (DCR)** | 11.4 mΩ (Max) | Internal resistance of the coil | | **Irms (Heating Current)** | 8.5 A | Current causing 40°C temperature rise | | **Isat (Saturation Current)** | 11.5 A | Current causing 30% drop in inductance | | **Operating Temp** | -55°C to +125°C | Includes self-heating | --- ## 2. Key Features and Construction The SRP0510F-R68M is built using advanced materials to optimize performance in small footprints. * **Shielded Construction:** The inductor is molded with a metal alloy powder. This provides magnetic shielding, which minimizes Electromagnetic Interference (EMI) with surrounding components. * **Low Profile:** The "0510" size indicates a footprint of approximately 5.0 x 5.0 mm with a low height (approx 1.0 mm), making it ideal for ultra-thin devices. * **High Saturation Current:** Unlike traditional ferrite inductors that saturate abruptly, the metal alloy powder core allows for a "soft" saturation characteristic. * **RoHS Compliant:** Lead-free and halogen-free construction. --- ## 3. Part Number Breakdown Understanding the nomenclature helps in identifying similar parts in the series: | Code Segment | Meaning | | :--- | :--- | | **SRP** | Series Name (Shielded Power Inductor) | | **0510** | Dimensions (Approx. 5.7 x 5.2 x 1.0 mm) | | **F** | Flat-wire or specific material technology | | **R68** | Inductance Value (R68 = 0.68 microhenries) | | **M** | Tolerance (M = ±20%) | --- ## 4. Typical Applications Due to its high current handling and low profile, this part is commonly found in: * **DC/DC Converters:** Used as the energy storage element in buck or boost regulators. * **Mobile Electronics:** Smartphones, tablets, and laptops where space is at a premium. * **Power Modules:** Distributed power systems and VRMs (Voltage Regulator Modules). * **SSD/Storage:** Power management for high-speed data drives. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Irms and Isat for this inductor?
    • ⤷ Are there recommended footprints for soldering the SRP0510F series?
    • ⤷ How does the 'F' version differ from the standard SRP0510 series?