データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SRP7030-R68M

  • AI
    ## Technical Analysis of the SRP7030-R68M Inductor The **SRP7030-R68M** is a high-current, shielded power inductor manufactured by **Bourns**. It belongs to the SRP7030 series, which is designed for high-density power supply applications requiring high saturation current and low electromagnetic interference (EMI). --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical limits: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **SRP** | Series Name | High current shielded power inductor | | **7030** | Dimensions | ~7.0 mm x 7.0 mm footprint, 3.0 mm height | | **R68** | Inductance Value | 0.68 µH (Microhenries) | | **M** | Tolerance | ±20% | --- ### 2. Key Electrical Specifications The performance of this inductor is characterized by its ability to handle high power without losing efficiency. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.68 µH | | **DC Resistance (DCR)** | 4.5 mΩ (Typical) / 5.2 mΩ (Max) | | **Saturation Current ($I_{sat}$)** | 22.0 A (Typical) | | **Heating Current ($I_{rms}$)** | 14.0 A (Typical) | | **Operating Temperature** | -40 °C to +150 °C | --- ### 3. Core Features and Materials * **Shielded Construction:** The inductor uses a carbonyl iron powder core. This design minimizes "leakage" magnetic flux, which reduces interference with nearby components on a PCB. * **Molded Construction:** The wire is molded into the iron powder body, making it highly resistant to mechanical vibration and acoustic noise (buzzing). * **Low DCR:** The very low DC resistance (measured in milliohms) ensures minimal power loss and heat generation during operation. * **High Saturation:** Unlike ferrite inductors that drop inductance sharply when current increases, the SRP series has a "soft" saturation curve. --- ### 4. Typical Applications The SRP7030-R68M is commonly used in power management circuits where high efficiency is critical: * **DC/DC Converters:** Used in buck (step-down) or boost (step-up) regulators. * **CPU/GPU Power:** Voltage Regulator Modules (VRMs) for high-end processors. * **Automotive Electronics:** Driver assistance systems and infotainment (AEC-Q200 versions available). * **Battery Powered Devices:** High-current charging circuits. --- ### 5. Equivalent Circuit Model For simulation purposes (e.g., LTSpice), the inductor can be modeled as follows: ```spice * Inductor Model SRP7030-R68M L1 Input Output 0.68u R1 Input Output 5.2m ; DC Resistance C1 Input Output 5p ; Parallel Parasitic Capacitance (Est.) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Irms in the context of this inductor?
    • ⤷ Are there AEC-Q200 qualified versions of the SRP7030 series for automotive use?
    • ⤷ How does the temperature rise affect the inductance of the SRP7030-R68M?