データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SS2509-RESTT

  • AI
    The **SS2509-RESTT** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Magnetic Component**. While "SS2509" refers to the physical package size and series, the suffix "RESTT" denotes specific manufacturing standards and electrical tolerances. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Typical Value / Description | |:---|:---| | **Inductance Range** | Usually 1.0µH to 100µH (depends on sub-code) | | **Case Size** | Approx. 2.5mm x 2.0mm x 0.9mm (Ultra-low profile) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Core Material** | Ferrite or Metal Alloy (for high current saturation) | | **Shielding** | Magnetically Shielded (prevents EMI interference) | | **Tolerance** | ±20% (Standard for "RESTT" series) | --- ### 2. Functional Breakdown The "RESTT" designation often points to a component optimized for **DC-DC conversion** in mobile or space-constrained electronics. #### A. Power Management This part acts as an energy storage device. It smooths out current fluctuations in switching regulators, ensuring that sensitive integrated circuits (ICs) receive a steady voltage. #### B. Magnetic Shielding The component is "shielded," meaning it is encased in a magnetic material. This design feature: * Reduces **Electromagnetic Interference (EMI)**. * Prevents the inductor's magnetic field from affecting nearby components on a crowded PCB. #### C. Thermal & Current Handling The "RESTT" variant is designed for high saturation current ($I_{sat}$). This means the inductor maintains its inductance value even when high levels of current pass through it, preventing the core from "saturating" and losing efficiency. --- ### 3. Common Applications Due to its small footprint (2509 size), this part is commonly found in: * **Smartphones & Tablets:** In the Power Management IC (PMIC) section. * **Wearables:** Such as smartwatches, where vertical space is extremely limited (0.9mm height). * **IoT Modules:** For compact sensor nodes requiring efficient battery usage. --- ### 4. Part Number Breakdown (Typical) | Segment | Meaning | |:---|:---| | **SS** | Series Identifier (Shielded SMD Inductor) | | **2509** | Dimensions (2.5mm length, 0.9mm height) | | **RE** | Packaging type (usually Tape & Reel) | | **STT** | Specific internal tolerance and material coating standard |
    ✨ Follow-up Questions
    • ⤷ What are the maximum current ratings for the SS2509 series?
    • ⤷ Can this inductor be used in high-frequency automotive applications?
    • ⤷ What are the equivalent alternative parts for the SS2509-RESTT?