データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SS2J

  • AI
    The **SS2J** is a specific part number typically associated with an **Ultra-Fast Recovery Rectifier Diode** in an SMB (DO-214AA) surface-mount package. It is widely used in power management for high-speed switching applications. --- ### ## Technical Specifications The following table summarizes the key electrical characteristics of the SS2J diode: | Parameter | Value | Description | | :--- | :--- | :--- | | **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 600V | The maximum voltage it can withstand in reverse bias. | | **Average Forward Rectified Current ($I_{F(AV)}$)** | 2.0A | The maximum continuous current it can handle. | | **Maximum Reverse Recovery Time ($t_{rr}$)** | 25ns - 35ns | The speed at which it switches from ON to OFF. | | **Forward Voltage Drop ($V_F$)** | ~1.3V | The voltage lost across the diode during conduction. | | **Package Type** | SMB / DO-214AA | Surface-mount plastic package. | --- ### ### Key Features and Construction 1. **Ultra-Fast Switching:** With a recovery time ($t_{rr}$) in the nanosecond range, this diode reduces switching losses, making it much more efficient than standard rectifiers (like the 1N4007). 2. **Glass Passivated Junction:** The internal silicon chip is coated with a glass layer to ensure high reliability and stability against moisture and high temperatures. 3. **Low Reverse Leakage:** It prevents power loss when the circuit is in an "off" state. 4. **Polarity:** As a diode, it is polarized. The cathode is marked with a distinct band on the package. --- ### ### Common Applications The SS2J is primarily found in high-frequency power electronic circuits: * **SMPS (Switching Mode Power Supplies):** Used as an output rectifier or a "snubber" diode. * **DC-DC Converters:** Manages high-speed power conversion in portable electronics. * **Inverters:** High-speed rectification in solar or battery power systems. * **Freewheeling Diode:** Protects circuits from inductive spikes in motor drivers. --- ### ### Comparison: SS2J vs. Standard Diodes Unlike a standard **Schottky diode** (which has a low voltage drop but low voltage tolerance), the **SS2J (Ultra-Fast)** can handle much higher voltages (600V) while maintaining a high switching speed, though at the cost of a slightly higher forward voltage drop.
    ✨ Follow-up Questions
    • What are the main differences between the SS2J and the SS24 diode?
    • Can the SS2J be used in high-temperature industrial environments?
    • How does the reverse recovery time impact the efficiency of a power supply?