SSL-LX5099GIW-R
AI

## SSL-LX5099GIW-R: Electronic Specifications and Details
The **SSL-LX5099GIW-R** is a specific Bi-Color Light Emitting Diode (LED) manufactured by **Lumex Opto/Components Inc.** It is a standard through-hole component frequently used for status indication where two different colors are required in a single lamp footprint.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Lumex Opto/Components Inc. |
| **LED Type** | Bi-Color (Red / Green) |
| **Package / Case** | T-5mm (T-1 3/4) |
| **Lens Style** | Milky White Diffused |
| **Number of Pins** | 3 Pins (Common Cathode) |
| **Wavelength (Red)** | 635 nm (Peak) |
| **Wavelength (Green)** | 565 nm (Peak) |
| **Luminous Intensity (Red)** | 40 mcd @ 20mA |
| **Luminous Intensity (Green)** | 30 mcd @ 20mA |
| **Viewing Angle** | 60° |
---
### 2. Physical Characteristics
The "5099" series refers to the standard 5mm (T-1 3/4) cylindrical housing.
* **Diffused Lens:** The "Milky White" diffusion helps blend the colors and provides a wider viewing angle, preventing the "hot spot" effect of clear LEDs.
* **Three-Lead Configuration:** This part is a **Common Cathode** design.
* **Pin 1:** Anode for Color 1 (Red).
* **Pin 2:** Common Cathode (Negative/Ground).
* **Pin 3:** Anode for Color 2 (Green).
---
### 3. Absolute Maximum Ratings (@ 25°C)
| Parameter | Red | Green | Units |
| :--- | :--- | :--- | :--- |
| **Forward Current ($I_f$)** | 30 | 25 | mA |
| **Forward Voltage ($V_f$) (Typ)** | 2.0 | 2.2 | V |
| **Reverse Voltage ($V_r$)** | 5 | 5 | V |
| **Power Dissipation** | 105 | 105 | mW |
| **Operating Temp** | -40 to +85 | -40 to +85 | °C |
---
### 4. Color Mixing Capabilities
Because this is a three-terminal LED, you can drive both anodes simultaneously. By modulating the current to the Red and Green pins, you can achieve a third color:
* **Red Only:** Logic High on Red Anode.
* **Green Only:** Logic High on Green Anode.
* **Amber/Yellow:** Logic High on **both** Red and Green Anodes.
---
### 5. Standard Application Circuit
To use this with a 5V microcontroller (like an Arduino), you must use current-limiting resistors for each anode.
```text
[VCC] --- [Resistor 150Ω] --- Pin 1 (Red Anode)
[VCC] --- [Resistor 120Ω] --- Pin 3 (Green Anode)
[GND] ----------------------- Pin 2 (Common Cathode)
```
- ⤷
What is the difference between common cathode and common anode bi-color LEDs?
- ⤷ How do I calculate the exact resistor values for a 12V power supply?
- ⤷ Can this LED be dimmed using Pulse Width Modulation (PWM)?