データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SSL0605-R15YF

  • AI
    ### Technical Overview: SSL0605-R15YF The **SSL0605-R15YF** is a surface-mount (SMD) power inductor commonly used in DC-DC conversion and power management circuits. It is designed to handle high current while maintaining a compact footprint. --- ### 1. Key Technical Specifications The alphanumeric code provides specific details about the component's electrical properties: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.15 µH | Represented by "R15" | | **Tolerance** | ±20% | Represented by "M" or "Y" (varies by series) | | **Case Size** | 0605 | Approx. 6.0mm x 5.0mm | | **Type** | Unshielded/Semi-shielded | Standard wire-wound power inductor | | **Current Rating** | High Current | Typically designed for >5A applications | --- ### 2. Physical Construction The SSL0605 series typically features a **Wire-wound Ferrite Core** construction. * **Core Material:** Ferrite (Ni-Zn), which provides high magnetic permeability and low losses at high frequencies. * **Termination:** Tin-plated copper leads for Surface Mount Technology (SMT) soldering. * **Geometry:** The "0605" footprint implies a low-profile design, making it suitable for handheld electronics where vertical space is limited. --- ### 3. Applications and Use Cases This specific inductor value (0.15 µH) is very low, meaning it is intended for **high-frequency switching** applications. 1. **DC-DC Converters:** Used in Buck or Boost converters to store energy. 2. **Voltage Regulator Modules (VRM):** Common in CPU and GPU power delivery due to the high current capacity. 3. **Portable Electronics:** Tablets and laptops where high efficiency and small size are required. 4. **Noise Filtering:** Acts as a low-pass filter to smooth out current ripples in power lines. --- ### 4. Circuit Symbol and Behavior In a circuit diagram, the inductor is represented by a coil symbol. Its primary function is to resist sudden changes in electric current. ```circuit (Input V) ----[ L: 0.15µH ]---- (Output V) Inductor ``` * **Saturation Current ($I_{sat}$):** The point at which the inductance drops significantly. For R15YF, this is usually quite high. * **DC Resistance (DCR):** The internal resistance of the copper wire. Lower DCR is better as it reduces heat and energy loss. ---
    ✨ Follow-up Questions
    • ⤷What is the typical saturation current for the SSL0605 series?
    • ⤷ How does an unshielded inductor differ from a shielded one in terms of EMI?
    • ⤷ What are the recommended soldering profiles for this SMD component?