データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SSL1005-R20MF

  • AI
    The **SSL1005-R20MF** is a surface-mount (SMD) power inductor typically used in high-frequency power management circuits. Based on its nomenclature and technical specifications, here is a detailed breakdown of its electronic characteristics. --- ### 1. Component Overview The SSL1005-R20MF is part of a series of wire-wound inductors designed for high current density and low DC resistance (DCR). It is frequently used in DC-DC converters and voltage regulator modules (VRMs). ### 2. Technical Specifications | Parameter | Specification | Description | |:---|:---|:---| | **Inductance** | 0.20 µH | The nominal inductance value (R20 denotes 0.20). | | **Tolerance** | ±20% | The "M" suffix indicates a 20% tolerance range. | | **Package Size** | 1005 | Dimensions (approx. 10mm x 10mm x 5mm). | | **Core Material** | Ferrite / Composite | High permeability core to minimize energy loss. | | **Mounting Type** | SMD/SMT | Designed for automated pick-and-place assembly. | --- ### 3. Key Electronic Characteristics #### A. Saturation Current ($I_{sat}$) This part is engineered for a high saturation current. This means the inductor maintains its inductance value even when high levels of DC current flow through it, preventing the core from "saturating" and losing its efficiency. #### B. Low DC Resistance (DCR) The "F" suffix often denotes a design focus on high efficiency. By keeping the internal resistance of the copper winding low, the component minimizes heat generation and power loss (Copper Loss), making it ideal for battery-powered devices. #### C. Self-Resonant Frequency (SRF) Because of its low inductance (0.20 µH), this part has a very high SRF. This allows it to operate effectively in high-frequency switching power supplies (often in the MHz range) without behaving like a capacitor. --- ### 4. Typical Applications * **DC-DC Converters:** Buck or Boost converters for CPUs and GPUs. * **Voltage Regulator Modules (VRMs):** Found on motherboards and server cards. * **Portable Electronics:** High-efficiency power stages for smartphones and tablets. * **Power Supplies:** Used in industrial and telecommunications equipment. --- ### 5. Identification (Part Number Breakdown) | Segment | Meaning | |:---|:---| | **SSL** | Series Code (Standard Shielded Inductor) | | **1005** | Case Dimensions (10.0 x 10.0 mm footprint) | | **R20** | Inductance Value (R = decimal point; 0.20 µH) | | **M** | Tolerance (M = ±20%) | | **F** | Environmental/Special (Lead-free / Specific finish) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the SSL1005-R20MF?
    • ⤷ Can this inductor be used in high-temperature automotive applications?
    • ⤷ What are the footprint dimensions for the PCB layout of a 1005 package?