データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SSL21083T

  • AI
    ## SSL21083T Electronic Component Overview The **SSL21083T** is a high-voltage Integrated Circuit (IC) designed by NXP Semiconductors specifically for driving high-efficiency LED lamps. It belongs to the GreenChip family and is primarily used in non-isolated, high-efficiency buck converters. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Topology** | Non-isolated Buck | | **Input Voltage Range** | 100V to 230V AC (Mains) | | **Internal MOSFET** | Integrated 300V Power Switch | | **Maximum Output Power** | Up to 15W | | **Package** | SO8 (Small Outline 8-pin) | | **Switching Frequency** | Up to 100 kHz | --- ### 2. Functional Electronic Features The SSL21083T incorporates several internal circuits to minimize the need for external components: * **Integrated Power Switch:** It contains a 300V internal MOSFET, which reduces PCB space and simplifies the Bill of Materials (BOM). * **Current Mode Control:** It operates in Boundary Conduction Mode (BCM) with fixed off-time or frequency, ensuring high efficiency and low electromagnetic interference (EMI). * **Startup Circuit:** An internal high-voltage current source allows the IC to start directly from the rectified mains voltage, eliminating the need for bulky external startup resistors. * **Dimming Support:** While primarily designed for non-dimmable applications, it can be adapted for certain basic dimming circuits depending on the configuration. --- ### 3. Pin Configuration (SO8 Package) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **VCC** | Supply voltage for the IC. | | 2 | **GND** | Ground reference. | | 3 | **DVDT** | Sense input for dV/dt detection. | | 4 | **N.C.** | Not connected. | | 5 | **SOURCE** | Source of the internal MOSFET; connected to current sense resistor. | | 6, 7, 8 | **DRAIN** | Drain of the internal MOSFET; connected to the inductor. | --- ### 4. Protection Mechanisms The IC is designed with safety in mind to prevent damage to the LEDs and the driver circuit: 1. **OverTemperature Protection (OTP):** Shuts down the IC if it exceeds safe thermal limits. 2. **Short-Winding Protection (SWP):** Protects the IC against shorted turns in the inductor. 3. **OverCurrent Protection (OCP):** Limits the peak current through the MOSFET. 4. **Brownout Protection:** Ensures the chip turns off if the input voltage drops too low. --- ### 5. Application Circuit Example Below is a conceptual representation of how the SSL21083T is integrated into a buck converter: ```text [AC Mains] -> [Bridge Rectifier] -> [Filter Cap] -> [SSL21083T] | [Inductor] | [LED String] ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the SSL21081
    • ⤷ SSL21082
    • ⤷ and SSL21083 series?
    • ⤷ Can this IC be used in a Flyback topology instead of a Buck converter?
    • ⤷ What is the recommended value for the VCC capacitor in a standard 12W LED application?