データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SSL210BF

  • AI
    The **SSL210BF** is a specific surface-mount **Schottky Barrier Diode**. These components are primarily used for rectification, freewheeling, and polarity protection in electronic circuits due to their low forward voltage drop and high switching speed. --- ### 1. Key Technical Specifications The "SSL2" prefix often denotes the series (Super Slim/Small), and "10" indicates the voltage rating. | Parameter | Value | Description | | :--- | :--- | :--- | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 100V | Maximum reverse voltage the diode can handle. | | **Average Forward Current ($I_{F(AV)}$)** | 2.0A | Continuous current capacity. | | **Forward Voltage Drop ($V_F$)** | ~0.70V - 0.85V | Voltage lost across the diode (lower than standard silicon). | | **Reverse Recovery Time ($t_{rr}$)** | Negligible | Fast switching capability. | | **Package Type** | SMBF | Low-profile surface mount package. | | **Operating Temperature** | -55°C to +150°C | Standard industrial range. | --- ### 2. Functional Characteristics * **Low Power Loss:** Because of the low forward voltage, it generates less heat than a standard 1N4007 series diode. * **High Efficiency:** Ideal for high-frequency applications (like DC-DC converters) where switching losses must be minimized. * **SMBF Package:** The "BF" suffix refers to the SMBF package, which is thinner than the standard SMB (DO-214AA) package, making it suitable for compact, slim electronics. * **Guard Ring Construction:** Typically features a guard ring for transient protection and high reliability. --- ### 3. Common Applications The SSL210BF is commonly found in the following circuit types: 1. **Switching Mode Power Supplies (SMPS):** Used in the output rectification stage. 2. **DC-DC Converters:** Acts as a "catch diode" or "freewheeling diode" in buck/boost converters. 3. **Reverse Polarity Protection:** Prevents damage if a battery or power supply is connected backward. 4. **Battery Chargers:** Efficiently directs current while preventing back-flow. --- ### 4. Comparison: Schottky vs. Standard Diode To understand the SSL210BF, it helps to compare it to a standard PN-junction diode: | Feature | Standard Diode (e.g., S2B) | Schottky Diode (SSL210BF) | | :--- | :--- | :--- | | **Forward Voltage** | High (~1.1V) | Low (~0.7V - 0.8V) | | **Switching Speed** | Slow | Ultra-Fast | | **Reverse Leakage** | Very Low | Higher | | **Best Use** | 50/60Hz Rectification | High-speed switching / Efficiency |
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the SMBF package?
    • ⤷ How does the SSL210BF handle thermal dissipation compared to the standard SMB package?
    • ⤷ Can I substitute a SS210 for an SSL210BF in a circuit?