データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SSM2315CBZ-R2

  • AI
    ### SSM2315CBZ-R2: Overview and Technical Specifications The **SSM2315CBZ-R2** is a high-efficiency, filterless **Class-D audio amplifier** manufactured by Analog Devices. It is designed specifically for mobile and portable electronics where space and power efficiency are critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Amplifier Type** | Class-D | | **Output Power** | 3.0 W into 3 $\Omega$ load / 2.4 W into 4 $\Omega$ load | | **Operating Voltage** | 2.5 V to 5.5 V | | **Efficiency** | Up to 93% | | **Signal-to-Noise Ratio (SNR)** | 93 dB | | **Package Type** | 9-Ball WLCSP (Wafer Level Chip Scale Package) | | **THD + N** | 0.03% (at 1 kHz, 100 mW output) | --- ### 2. Core Functional Components The internal architecture of the SSM2315 consists of several sophisticated stages that allow it to drive speakers directly without heavy external filtering: * **Filterless Modulation:** It uses a spread-spectrum pulse-density modulation (PDM) scheme. This reduces electromagnetic interference (EMI) and eliminates the need for bulky LC output filters. * **Differential Input:** The chip features fully differential inputs, which provide excellent rejection of common-mode noise (like GSM buzz in mobile phones). * **Shutdown Control:** It includes a low-power shutdown mode (typically <20 nA) to preserve battery life when the audio is not in use. * **Integrated Protection:** Built-in circuitry protects the device against: * Short circuits at the output. * Thermal overload (overheating). * Under-voltage conditions. --- ### 3. Pin Configuration (Typical 9-Ball WLCSP) | Pin Name | Function | Description | | :--- | :--- | :--- | | **VDD / PVDD** | Power Supply | Input voltage for the analog and power stages. | | **GND / PGND** | Ground | Reference point for the circuit. | | **IN+ / IN-** | Audio Input | Differential audio signals. | | **OUT+ / OUT-** | Audio Output | Pulse-modulated output to the speaker. | | **SD** | Shutdown | Logic low puts the chip into a sleep state. | --- ### 4. Applications Due to its small footprint and high efficiency, the SSM2315CBZ-R2 is commonly found in: * **Mobile Handsets:** Driving the internal loudspeaker. * **Portable Media Players:** Handheld gaming or music devices. * **Laptops/Tablets:** Compact audio solutions for thin-profile screens. ---
    ✨ Follow-up Questions
    • ⤷What are the advantages of a Class-D amplifier over a Class-AB in portable devices?
    • ⤷ What is 'spread-spectrum' modulation in the context of EMI reduction?
    • ⤷ How do you calculate the power dissipation for the SSM2315 at peak output?