データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SSM2319CBZ-R2

  • AI
    ## Overview of the SSM2319CBZ-R2 The **SSM2319CBZ-R2** is a high-efficiency, filterless **Class-D audio amplifier** specifically designed for mobile phones and portable electronic devices. It is manufactured by **Analog Devices (ADI)** and focuses on delivering high output power while maintaining a very small PCB footprint. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Amplifier Type** | Class-D | | **Output Power** | 3.7W into 3 $\Omega$ load (at 5V) | | **Operating Voltage** | 2.5V to 5.5V | | **SNR (Signal-to-Noise Ratio)** | >100 dB | | **Efficiency** | Up to 93% | | **Package Type** | 9-ball WLCSP (Wafer Level Chip Scale Package) | | **Shutdown Current** | <0.1 µA (typical) | --- ### Core Functional Features 1. **Filterless Design:** The device utilizes a proprietary "spread-spectrum" sigma-delta modulation. This eliminates the need for bulky external LC (Inductor-Capacitor) filters, reducing the total bill of materials (BOM) cost and saving board space. 2. **High PSRR (Power Supply Rejection Ratio):** With a PSRR of 80 dB at 217 Hz, it is highly resistant to noise caused by battery fluctuations or GSM interference (commonly known as "TDMA noise" in mobile phones). 3. **Flexible Gain Settings:** The gain can be adjusted using a single external resistor, or it can be set to preset levels (e.g., 6 dB, 12 dB) depending on the wiring of the gain pins. 4. **Protection Circuitry:** * **Short Circuit Protection:** Prevents damage if the speaker leads are shorted. * **Thermal Shutdown:** Shuts the device down if it exceeds safe operating temperatures. * **Pop-and-Click Suppression:** Ensures silent turn-on/off transitions. --- ### Pin Configuration (9-Ball WLCSP) The physical layout is extremely compact. Below is a conceptual representation of the pin functions: | Pin Name | Function Description | | :--- | :--- | | **VDD / PVDD** | Power Supply inputs for analog and power stages. | | **GND / PGND** | Ground connections. | | **IN+ / IN-** | Differential audio inputs. | | **OUT+ / OUT-** | Differential Class-D outputs to the speaker. | | **SD** | Shutdown pin (active low). | | **GAIN** | Gain selection/configuration pin. | --- ### Application Circuit Example To use the SSM2319, you typically only need a few decoupling capacitors and the input coupling capacitors. ```c // Typical Signal Flow [Audio Source] --> [C_in] --> [SSM2319 Inputs] [SSM2319 Outputs] --> [Speaker] [Power Supply] --> [C_bypass] --> [SSM2319 VDD] ``` --- ### Typical Applications * Mobile Handsets / Smartphones * Portable Media Players (PMPs) * Handheld Gaming Devices * Active Speakers (Small Form Factor)
    ✨ Follow-up Questions
    • ⤷ What are the advantages of spread-spectrum modulation in Class-D amplifiers?
    • ⤷ How does the SSM2319 compare to its predecessor
    • ⤷ the SSM2317?
    • ⤷ What is the recommended value for the input coupling capacitors?