データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SSM2335CBZ-R2

  • AI
    ## Technical Overview of SSM2335CBZ-R2 The **SSM2335CBZ-R2** is a high-efficiency, filterless **Class-D audio amplifier** manufactured by Analog Devices. It is specifically designed for mobile and battery-powered applications where power conservation and space are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Amplifier Type** | Class-D | | **Output Power** | 2.7 W into 4 $\Omega$ load (at 5.0 V) | | **Supply Voltage Range** | 2.5 V to 5.5 V | | **Efficiency** | Up to 93% | | **Signal-to-Noise Ratio (SNR)** | 98 dB | | **THD + N** | 0.03% (at 1 kHz, 100 mW) | | **Package Type** | 9-ball WLCSP (Wafer Level Chip Scale Package) | --- ### 2. Core Functional Components The internal architecture of the SSM2335 includes several sophisticated electronic subsections: * **Pulse-Width Modulator (PWM):** Converts the analog input signal into a high-frequency pulse train. The SSM2335 uses a proprietary 3-level sigma-delta modulation that reduces EMI. * **H-Bridge Output Stage:** High-efficiency MOSFETs that drive the speaker load. * **Filterless Topology:** Unlike traditional Class-D amplifiers, it does not require an external LC (Inductor-Capacitor) filter to remove high-frequency noise, saving PCB space and cost. * **Protection Circuitry:** * **Thermal Shutdown:** Protects against overheating. * **Short-Circuit Protection:** Prevents damage if output leads are crossed. * **Undervoltage Lockout (UVLO):** Ensures the chip operates only within safe voltage ranges. --- ### 3. Electronic Advantages * **Low Quiescent Current:** It consumes very little power when active but not playing music (approx. 2.1 mA), which extends battery life in mobile devices. * **Spread-Spectrum Modulation:** This technique spreads the electromagnetic energy over a wider frequency band, significantly reducing EMI (Electromagnetic Interference) and allowing the device to pass FCC emissions tests without bulky filtering. * **High PSRR:** It has a high Power Supply Rejection Ratio, meaning it can effectively block noise coming from the battery or other power rails from affecting the audio quality. --- ### 4. Typical Application Circuit In a standard design, the component requires very few external parts: 1. **Input Capacitors:** To block DC bias from the source. 2. **Decoupling Capacitors:** (Typically 0.1 µF and 10 µF) placed close to the VDD pin to stabilize the power supply. 3. **Shutdown Control:** A digital pin used to put the device into ultra-low-power mode (< 1 µA). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of the WLCSP package for this chip?
    • ⤷ How does the 'filterless' technology manage to reduce EMI without external components?
    • ⤷ What are the primary competitors to the SSM2335 in the Class-D amplifier market?