データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SSM2602CPZ-R2

  • AI
    ## Overview of SSM2602CPZ-R2 The **SSM2602CPZ-R2** is a low-power, high-quality **stereo audio codec** manufactured by Analog Devices. It is designed specifically for portable digital audio applications, offering a complete solution for analog-to-digital (ADC) and digital-to-analog (DAC) conversion. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 24-bit | | **Sampling Rate** | 8 kHz to 96 kHz | | **SNR (DAC)** | 100 dB (A-weighted) | | **SNR (ADC)** | 90 dB (A-weighted) | | **Supply Voltage** | 1.8V to 3.6V | | **Interface** | I²C or SPI (Control), I²S or Left/Right Justified (Data) | | **Package** | 28-lead LFCSP (Lead Frame Chip Scale Package) | --- ### Core Functional Blocks #### 1. Analog-to-Digital Converter (ADC) The device includes a multi-bit sigma-delta ADC. It features: * **Programmable Gain Amplifier (PGA):** Allows for microphone or line-in level adjustments. * **Digital High-Pass Filter:** Used to remove DC offsets from the input signal. #### 2. Digital-to-Analog Converter (DAC) The DAC section provides high-fidelity audio reconstruction, including: * **Digital De-emphasis:** Supports standard frequencies (32 kHz, 44.1 kHz, and 48 kHz). * **Volume Control:** Independent digital volume control for left and right channels. #### 3. Integrated Headphone Amplifier The SSM2602 includes a built-in headphone driver capable of delivering 30 mW into a 32 $\Omega$ load. This reduces the need for external amplification components in small devices. #### 4. Power Management Designed for battery-operated devices, it features extremely low power consumption and a "Power Down" mode where individual blocks (ADC, DAC, MIC bias) can be disabled to save energy. --- ### Pin Configuration and Connectivity The SSM2602 communicates using two primary interfaces: * **Control Interface:** Uses $I^2C$ or SPI to set registers (volume, sampling rate, etc.). * **Digital Audio Interface:** Uses $I^2S$, MSB-justified, or DSP modes to transmit/receive actual audio data bits. --- ### Typical Applications * Portable Media Players (MP3/MP4) * Voice Recorders * Mobile Handsets * Communication Headsets * Digital Cameras
    ✨ Follow-up Questions
    • What are the primary differences between the SSM2602 and the SSM2603?
    • How do you configure the I2C address for this specific chip?
    • What external components are required for the microphone bias circuit?