データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SSM2932ACBZ-R7

  • AI
    ## SSM2932ACBZ-R7: Technical Overview The **SSM2932ACBZ-R7** is a high-efficiency, filterless Class-D audio amplifier designed specifically for mobile and portable electronic devices. It is manufactured by **Analog Devices (ADI)**. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Class-D Audio Amplifier | | **Channels** | Mono (1 Channel) | | **Output Power** | 1.4W into 8 $\Omega$ (at 5V) | | **Efficiency** | > 90% at 1W into 8 $\Omega$ | | **Signal-to-Noise Ratio (SNR)** | 100 dB | | **Total Harmonic Distortion (THD+N)** | 0.05% at 1kHz | | **Operating Voltage** | 2.5V to 5.5V | | **Package Type** | 8-Ball WLCSP (Wafer Level Chip Scale Package) | --- ### 2. Core Functional Components The internal architecture of the SSM2932 consists of several critical stages: 1. **Analog Input Stage:** It utilizes a fully differential input design. This is crucial for noise rejection (CMRR), especially in devices like smartphones where RF interference is high. 2. **PWM Modulator:** This converts the analog audio signal into a pulse-width modulated (PWM) digital stream. 3. **H-Bridge Power Stage:** The output stage consists of four MOSFETs in an H-bridge configuration to drive the speaker. 4. **Control Logic:** Includes shutdown (SD) circuitry to minimize power consumption when the device is idle (quiescent current is typically less than 1 $\mu$A). --- ### 3. Distinctive Features * **Filterless Design:** Unlike traditional Class-D amplifiers that require bulky LC filters at the output to recover the audio signal, the SSM2932 uses the speaker's own inductance to filter the high-frequency switching energy. This saves PCB space and reduces cost. * **Low Emissions:** It features spread-spectrum modulation to lower electromagnetic interference (EMI), making it easier to pass regulatory certifications without extra shielding. * **Pop-and-Click Suppression:** Integrated circuitry prevents audible noise when the device is powered on or off. --- ### 4. Common Applications Due to its tiny footprint and high efficiency, it is commonly found in: * Mobile Phones and Smartphones * Portable Gaming Consoles * Handheld GPS Units * Compact Bluetooth Speakers * Tablets --- ### 5. Pin Configuration (Typical) ```text Ball Name Description A1 VDD Power Supply (2.5V - 5.5V) A2 OUT+ Positive Audio Output B1 IN+ Non-inverting Audio Input B2 OUT- Negative Audio Output C1 IN- Inverting Audio Input C2 GND Ground D1 SD Shutdown Control (Active Low) D2 PVDD Power Supply for Output Stage ```
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for reducing EMI in filterless Class-D amplifiers?
    • ⤷ How does the spread-spectrum modulation in the SSM2932 differ from fixed-frequency PWM?
    • ⤷ What is the maximum thermal resistance for the 8-ball WLCSP package?