データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ST300C..L

  • AI
    The **ST300C..L Series** refers to a family of high-power **Phase Control Thyristors** (also known as Silicon Controlled Rectifiers or SCRs) manufactured by Vishay (formerly International Rectifier). These components are designed for industrial applications requiring high current and voltage handling in a compact "Hockey Puk" package. --- ## 1. Technical Specifications The "300C" in the part number generally indicates a continuous RMS current rating in the range of 600A to 700A, depending on the specific cooling conditions and voltage grade. | Parameter | Typical Value / Range | | :--- | :--- | | **IT(AV)** (Average On-state Current) | ~650 A @ Tc = 55°C | | **VDRM / VRRM** (Repetitive Peak Voltage) | 400V to 2000V | | **ITSM** (Surge Current) | ~8000 A to 9500 A (50/60Hz) | | **VTM** (Max On-state Voltage) | ~1.52 V | | **Package Type** | TO-200AB (A-PUK) | | **Junction Temperature** | -40°C to +125°C | --- ## 2. Key Features * **Double Side Cooling:** The "Hockey Puk" design allows heat to be dissipated from both the top and bottom surfaces, significantly increasing current capacity. * **High Surge Capability:** Designed to handle massive instantaneous current spikes, which is critical for motor starting and protective circuits. * **Voltage Range:** Available in multiple versions (e.g., ST300C04L, ST300C12L, ST300C20L) corresponding to 400V, 1200V, and 2000V respectively. * **Standard Gate Triggering:** Optimized for reliable firing even in noisy industrial environments. --- ## 3. Package and Mounting (A-PUK) The **L** in the suffix often refers to the specific lead/terminal configuration or the package dimensions. * **Mechanical Pressure:** These devices do not have mounting holes. They must be compressed between two heatsinks using a calibrated "Clamp" to ensure electrical and thermal contact. * **Hermetic Seal:** The ceramic housing provides a hermetic seal, protecting the silicon wafer from humidity and contaminants. --- ## 4. Typical Applications These thyristors are used in heavy-duty power electronics where switching speed is less important than raw power handling: 1. **DC Motor Control:** Large industrial drives and traction motors. 2. **AC Soft Starters:** Reducing inrush current for heavy industrial machinery. 3. **Controlled Rectifiers:** Converting AC to DC for electroplating or battery charging. 4. **Welding Equipment:** High-current power supplies for arc and spot welding. 5. **Induction Heating:** Power stages for metal smelting and heat treatment. --- ## 5. Part Numbering Example If you encounter a full code like `ST300C12L0`, it decodes as follows: * **ST:** Thyristor * **300:** Series code (Power rating indicator) * **C:** Ceramic Puk package * **12:** Voltage (12 x 100 = 1200V) * **L:** Lead type/Terminal style * **0:** Gate trigger requirements/Special characteristics
    ✨ Follow-up Questions
    • ⤷What is the required clamping force for the TO-200AB package?
    • ⤷ How does double-side cooling compare to single-side cooling in terms of current rating?
    • ⤷ What are the common failure modes for Hockey Puk thyristors?