データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ST5-R

  • AI
    The **ST5-R** is a high-performance stepper motor drive manufactured by Applied Motion Products. It is designed for precise control in automation, featuring sophisticated electronic components that allow for advanced motion profiles and communication. ### 1. Core Electronic Specifications The internal electronics are designed to handle power conversion and logic processing. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24 - 48 VDC | | **Output Current** | 0.5 - 5.0 A (Peak) | | **Drive Type** | Bipolar Chopper (PWM) | | **Step Resolution** | 200 to 51,200 steps/rev (Microstepping) | | **Communication** | RS-232 / RS-485 | --- ### 2. Key Internal Electronic Modules #### A. Power Stage (H-Bridge) The drive utilizes a high-efficiency **MOSFET-based H-bridge**. This electronic circuit controls the flow of current to the motor phases. It uses Pulse Width Modulation (PWM) at approximately 20 kHz to ensure smooth torque delivery while minimizing heat generation. #### B. Logic & Processing The "brain" of the ST5-R is a **Digital Signal Processor (DSP)**. Unlike basic analog drives, the DSP performs: * **Anti-Resonance Algorithms:** Digitally calculates motor vibration and compensates to prevent stalling at mid-range speeds. * **Microstep Emulation:** Smooths out low-resolution step inputs into high-resolution motion. #### C. Control Interfaces (I/O) The drive features several opto-isolated electronic inputs and outputs to prevent electrical noise from damaging the controller: * **Step & Direction Inputs:** 5-24 VDC logic compatible. * **Digital Inputs:** 3 inputs for limit switches, sensors, or "Jog" functions. * **Digital Outputs:** 1 output (30V, 100mA max) for signaling faults or brake control. --- ### 3. Protection Circuitry The electronic design includes several safety layers to prevent hardware failure: 1. **Over-Voltage Protection:** Shuts down if the power supply exceeds 52V. 2. **Over-Current Protection:** Prevents MOSFET burnout in case of a short circuit. 3. **Thermal Protection:** Monitors internal temperature sensors to prevent overheating. --- ### 4. Configuration via RS-232 The electronic parameters of the ST5-R are configured using the *ST Configurator™* software. This allows you to set: * Idle current reduction (to keep the motor cool). * Load inertia matching. * Self-test routines. ```bash # Example command structure for ST5-R (SCL Language) VE2.0 # Set Velocity to 2 rev/sec AC10 # Set Acceleration to 10 rev/sec^2 DI5000 # Move Distance of 5000 steps FL # Feed to Length / Start Motion ```
    ✨ Follow-up Questions
    • ⤷How do I wire the ST5-R for RS-485 multi-drop communication?
    • ⤷ What is the difference between the ST5-R and the ST5-Plus models?
    • ⤷ How does the anti-resonance feature improve motor performance?