データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ST780C..L

  • AI
    The **ST780C..L** series refers to a family of high-power, phase-control thyristors (SCRs) manufactured by Vishay (formerly International Rectifier). These components are designed for industrial applications requiring high current handling and precise voltage control. --- ## 1. Core Specifications The "L" in the part number typically refers to the **B-8** (also known as the "Hockey Puk") package style, which is optimized for double-sided cooling. | Parameter | Typical Value Range | |:---|:---| | **Average On-State Current ($I_{T(AV)}$)** | ~780 A | | **RMS On-State Current ($I_{T(RMS)}$)** | ~1450 A | | **Voltage Range ($V_{DRM}/V_{RRM}$)** | 400V to 600V (depending on the specific suffix) | | **Package Type** | B-8 (Press-Pack/Hockey Puk) | | **Peak Surge Current ($I_{TSM}$)** | ~12,000 A to 13,000 A (at 50/60 Hz) | --- ## 2. Key Features * **High Surge Capability:** Designed to withstand massive current spikes without failure, making them ideal for heavy machinery. * **Press-Pack Enclosure:** The ceramic "hockey puk" design allows for low thermal resistance when clamped between heat sinks. * **Center Amplifying Gate:** This internal structure ensures fast turn-on and uniform current distribution across the silicon wafer. * **Hermetic Seal:** The ceramic-to-metal seal protects the internal silicon from moisture and industrial contaminants. --- ## 3. Typical Applications These thyristors are used in "heavy-duty" electrical environments where standard transistors or smaller SCRs would fail: 1. **DC Motor Controls:** Speed regulation for large industrial motors (e.g., in paper mills or steel plants). 2. **AC Soft Starters:** Reducing the inrush current of high-power induction motors. 3. **Welding Equipment:** Controlling the high-current output of industrial welding power supplies. 4. **Electrochemical Processes:** Used in high-current rectifiers for electrolysis or metal plating. 5. **Static VAR Compensators:** Power factor correction in utility grids. --- ## 4. Technical Precautions When working with the ST780C series, pay attention to the following: ### Mounting Force Since these are **Press-Pack** devices, they do not have mounting holes. They must be compressed between two heat sinks using a specific clamping force (typically between **10 kN to 20 kN**). Insufficient pressure leads to high electrical resistance and overheating. ### Cooling Because these devices handle hundreds of amperes, they generate significant heat. Most designs utilize **double-sided cooling**, where heat is extracted from both the anode and cathode faces of the puck. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific clamping force requirements for the B-8 package?
    • ⤷ How do I interpret the voltage code suffixes for the ST780C series?
    • ⤷ Can this thyristor be used in high-frequency switching applications?