データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • STB01-R-7

  • AI
    ## STB01-R-7: Electronic Overview The **STB01-R-7** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Power Schottky Barrier Diode**. These components are widely used in power management circuits due to their low forward voltage drop and fast switching speeds. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for this part: | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | Schottky Barrier Diode | High-speed switching diode. | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 20V - 40V | Maximum voltage the diode can withstand in reverse bias. | | **Forward Current ($I_F$)** | 1.0A | Maximum continuous current flow in forward bias. | | **Forward Voltage Drop ($V_F$)** | ~0.45V to 0.55V | Low voltage drop compared to standard silicon diodes (0.7V). | | **Package Type** | SOD-323 / SOD-123 | Small Outline Diode, suitable for high-density PCB layouts. | | **Operating Temperature** | -55°C to +125°C | Range for safe operation in various environments. | --- ### 2. Functional Electronic Features * **Schottky Barrier Construction:** Unlike standard P-N junction diodes, the STB01-R-7 uses a metal-to-semiconductor junction. This results in **minimal stored charge**, allowing for near-instantaneous switching. * **Low Power Dissipation:** Because the forward voltage ($V_F$) is lower than standard diodes, the device generates less heat, which increases the overall efficiency of the power supply. * **Guard Ring for Stress Protection:** Most STB series diodes include an internal guard ring for transient protection (ESD) and to ensure long-term reliability. --- ### 3. Common Circuit Applications The STB01-R-7 is typically found in the following electronic configurations: 1. **DC-DC Converters:** Acts as a "freewheeling" diode to provide a path for inductor current when the main switch is off. 2. **Reverse Polarity Protection:** Protects sensitive low-voltage electronics from damage if batteries or power adapters are connected backwards. 3. **Battery Charging:** Used in portable devices to prevent battery discharge back into the charging source. 4. **Clamping Circuits:** Used to limit voltage spikes in high-speed signal lines. --- ### 4. PCB Design Considerations When integrating this part into a design, consider these physical attributes: * **Polarity:** The cathode is marked by a band on the body of the SMD package. * **Thermal Management:** Even though it has a low $V_F$, at 1A current, it will dissipate roughly 0.5W of heat. Ensure adequate copper padding on the PCB for heat sinking. * **Footprint:** Ensure the CAD library matches the specific suffix (e.g., -7 often refers to the tape and reel size or a specific package variant like SOD-323).
    ✨ Follow-up Questions
    • ⤷ What are the differences between the SOD-123 and SOD-323 package versions for this diode?
    • ⤷ How does the forward voltage drop change as the temperature increases?
    • ⤷ Can this diode be used in high-frequency AC rectification above 1MHz?