データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • STB03-R-5

  • AI
    The **STB03-R-5** typically refers to a specific type of **Pre-Printed Cable Marker** or **Wire Identification Sleeve**, commonly manufactured by brands like **TE Connectivity (Raychem)** or **HellermannTyton**. These are critical passive components used in electrical engineering for cable management and circuit identification. --- ### 1. Technical Specifications The part number "STB03-R-5" can be broken down into its technical attributes: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | STB / Snap-on | Expandable markers designed to be applied after termination. | | **Size Code** | 03 | Refers to the internal diameter (typically for cables 1.9mm to 2.6mm). | | **Legend/Marking** | 5 | The specific digit or character printed on the sleeve. | | **Color Code** | R (Green) | Often follows the international resistor color code (5 = Green). | | **Material** | Plastic / PVC | Generally made from zero-halogen or flame-retardant polymers. | --- ### 2. Key Features The STB series is favored in industrial electronics for the following reasons: * **Snap-on Application:** Unlike heat-shrink tubing, these can be installed onto wires that are already connected/crimped. * **Grip Mechanism:** They feature an internal "wing" or "gusset" design that grips the wire insulation, preventing the marker from sliding or rotating. * **Color Coding:** The color of the plastic usually matches the international standard for the number printed on it (e.g., 5 is Green, 6 is Blue). * **Interlocking:** The sides are often shaped to interlock with adjacent markers, ensuring that multi-digit codes (like "55") stay aligned. --- ### 3. Application Use Cases The STB03-R-5 is primarily used in environments where clear labeling is required for maintenance and safety: 1. **Control Panels:** Identifying signal wires in PLC (Programmable Logic Controller) cabinets. 2. **Telecommunications:** Labeling patch cables and jumper wires. 3. **Automotive/Aerospace:** Marking wire harnesses for complex routing. 4. **Maintenance:** Replacing faded or lost identification on existing circuitry without disconnecting the terminal. --- ### 4. Physical Dimensions (Typical for Size 03) | Feature | Measurement | | :--- | :--- | | **Wire Diameter Range** | 1.90mm — 2.60mm | | **Wire Size (AWG)** | Approx. 20 - 16 AWG | | **Marker Length** | ~3.0mm | ---
    ✨ Follow-up Questions
    • ⤷ What is the temperature rating for STB series markers?
    • ⤷ Are there specialized tools required to apply snap-on markers?
    • ⤷ What is the difference between the STB series and the STD series markers?