データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • STD01Y-R

  • AI
    The **STD01Y-R** is a specific type of identification marker used in electrical and electronic engineering. It belongs to the **STD (Snap-On)** series of cable markers, typically manufactured by companies like **TE Connectivity (Raychem)**. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and functional properties: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | STD | Snap-on pre-printed cable markers | | **Size Code** | 01 | Fits cable diameters 1.00mm to 1.40mm | | **Color** | Y | Yellow (Standard international color coding) | | **Legend** | R | The character printed on the marker is the letter "R" | | **Material** | POM | Polyoxymethylene (Acetal), high strength/rigidity | | **Temperature** | -40°C to +106°C | Operating range for industrial environments | --- ### 2. Functional Characteristics The STD01Y-R is designed for "post-termination" marking, meaning it can be applied after the wire has already been connected. * **Side-Entry Design:** It features a "C" shape that allows it to be snapped onto a wire without disconnecting it from a terminal block. * **Grip Mechanism:** The internal profile is designed to "grip" the wire insulation, preventing the marker from sliding or rotating under vibration. * **Interlocking System:** Multiple markers can be snapped together to form a string (e.g., "R", "1", "0" to mark "R10"), ensuring the legend remains aligned. * **Durability:** The printing is typically applied using a thermal transfer process or high-contrast ink that resists chemicals, fuels, and abrasion. --- ### 3. Common Applications These parts are essential for organization and troubleshooting in complex electronic systems: 1. **Control Panels:** Identifying phases (e.g., L, N, G, R, S, T) or specific signal lines. 2. **Telecommunications:** Labeling patch cables and jumper wires. 3. **Maintenance:** Marking wires during repairs to ensure correct reconnection. 4. **Aerospace/Automotive:** Used in wire harnesses where space is limited but high visibility is required. --- ### 4. Implementation Example When using these in a wiring project, the workflow usually follows this logic: ```markdown 1. Measure the outer diameter (OD) of the wire (must be 1.0 - 1.4mm). 2. Select the required legends (e.g., STD01Y-R, STD01Y-1). 3. Align the marker wand or use fingers to snap the "C" opening over the wire. 4. Slide the marker to the desired position near the connector. 5. Snap subsequent markers into the grooves of the first marker for a locked sequence. ```
    ✨ Follow-up Questions
    • ⤷What are the different size codes available for the STD series?
    • ⤷ Is the STD01Y-R resistant to UV exposure for outdoor use?
    • ⤷ How do the 'Y' (Yellow) and 'W' (White) color codes differ in industry standards?