データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • STD15Y-R

  • AI
    ## STD15Y-R: Technical Overview The **STD15Y-R** is a specific surface-mount electronic component, typically categorized as a **Zener Diode** or a **Transient Voltage Suppressor (TVS)**, often manufactured by companies like Shindengen. It is designed for circuit protection and voltage regulation. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electrical characteristics for this part: | Parameter | Value / Characteristic | | :--- | :--- | | **Component Type** | Zener Diode | | **Package Type** | Surface Mount (SMD) - often Power Mini (F-type) | | **Zener Voltage ($V_z$)** | ~15V (Nominal) | | **Power Dissipation ($P_{tot}$)** | 1.0W to 1.5W (depending on thermal pad) | | **Tolerance** | Generally ±5% or ±10% (indicated by suffix) | | **Mounting Style** | Surface Mount (SMT) | --- ### 2. Physical and Structural Parts The "electronic parts" or internal structure of the STD15Y-R include: 1. **Silicon Semiconductor Die:** The core of the component where the P-N junction is formed to create the Zener effect. 2. **Lead Frame:** Provides the electrical path from the silicon die to the external PCB pads. 3. **Encapsulant (Epoxy Resin):** A flame-retardant plastic molding that protects the die from moisture and physical damage. 4. **Cathode Mark:** A band or notch on the body indicating the cathode side, essential for correct polarity during assembly. --- ### 3. Application Areas The STD15Y-R is commonly used in circuits requiring stable reference voltages or protection against spikes: * **Voltage Regulation:** Maintaining a constant 15V output in power supply stages. * **Overvoltage Protection:** Clipping voltage spikes that exceed 15V to protect sensitive ICs. * **Clamping Circuits:** Used in wave-shaping circuits to limit the amplitude of a signal. --- ### 4. Part Number Decoding (Typical) | Segment | Meaning | | :--- | :--- | | **STD** | Series designation (Standard Zener/TVS) | | **15** | Nominal Zener Voltage (15 Volts) | | **Y** | Package/Size indicator | | **-R** | Taping/Reel specification (for automated assembly) | --- ### 5. Schematic Symbol In a circuit diagram, the STD15Y-R is represented by the Zener diode symbol: ```text Cathode Anode |---|<|---| ^ (Zener Symbol) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current for the STD15Y-R?
    • ⤷ Are there equivalent alternatives for this diode from other manufacturers?
    • ⤷ How does heat sinking affect the power rating of this SMD component?