データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • STDRIVE101TR

  • AI
    ## STDRIVE101TR: High-Performance Triple Half-Bridge Driver The **STDRIVE101TR** is a compact, low-voltage gate driver designed to drive three-phase brushless DC (BLDC) motors. It is manufactured by STMicroelectronics and is particularly suited for battery-powered applications due to its efficiency and integrated protection features. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Operating Voltage (Vcc)** | 5.5V to 75V | | **Output Current** | 600 mA Sink / 600 mA Source | | **Topology** | Triple Half-Bridge (3 High-Side + 3 Low-Side) | | **Logic Compatibility** | 3.3V and 5V | | **Package** | VFQFPN 4x4 24-lead | | **Operating Temperature** | -40°C to 125°C | --- ### 2. Core Electronic Components & Features The internal architecture of the STDRIVE101TR consists of several critical electronic blocks: #### A. Gate Driver Stage The chip features three independent half-bridges. Each high-side driver uses a **bootstrap topology**, allowing it to drive N-channel MOSFETs efficiently. The 600mA current capability ensures fast switching of the gate capacitance of power MOSFETs. #### B. Integrated Bootstrap Diodes Unlike older driver designs that require external diodes to charge the high-side capacitor, the STDRIVE101TR integrates these diodes internally. This reduces the **Bill of Materials (BOM)** and saves PCB space. #### C. Smart Protections The device includes robust protection circuitry to prevent hardware failure: * **Under-Voltage Lockout (UVLO):** Prevents the MOSFETs from operating in a linear region where they could overheat. * **Over-Temperature Protection:** Shuts down the device if the silicon temperature exceeds safe limits. * **Interlocking / Cross-Conduction Protection:** Prevents both high-side and low-side switches in the same bridge from being on simultaneously (preventing "shoot-through"). #### D. Low Quiescent Current It includes a dedicated **Standby Mode**, which reduces current consumption to approximately **7 µA**, making it ideal for portable, battery-operated tools. --- ### 3. Typical Application Circuit Block To use the STDRIVE101TR, the following external components are usually required: ```c // Typical Connection Logic [MCU PWM Signals] -> [STDRIVE101 Inputs] [STDRIVE101 High/Low Outputs] -> [6x Power MOSFET Gates] [VCC Supply] -> [Decoupling Capacitors] -> [STDRIVE101 VCC Pin] [Bootstrap Capacitors] -> [BST/VOUT Pins] ``` --- ### 4. Comparison with Standard Drivers | Feature | STDRIVE101 | Standard Discrete Driver | |:---|:---|:---| | **Footprint** | 4x4 mm (Very Small) | Large (Multiple ICs) | | **Voltage Range** | Up to 75V (High) | Typically up to 20-40V | | **Integration** | High (Integrated Diodes) | Low (External Diodes) | | **Standby Mode** | Yes | Rarely | ---
    ✨ Follow-up Questions
    • What are the recommended bootstrap capacitor values for the STDRIVE101?
    • How does the interlocking feature prevent shoot-through in motor applications?
    • Can the STDRIVE101 be used for brushed DC motor control?