データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • STDRIVE601

  • AI
    ## Overview of the STDRIVE601 The **STDRIVE601** is a high-voltage gate driver designed by STMicroelectronics. It is a triple-half-bridge driver specifically engineered to drive three-phase n-channel power MOSFETs or IGBTs. It is commonly used in motor control applications due to its integrated features and high-side driving capabilities. --- ### Key Technical Specifications The following table summarizes the primary electrical characteristics of the STDRIVE601: | Parameter | Specification | | :--- | :--- | | **Driver Configuration** | Triple Half-Bridge (3 High-Side + 3 Low-Side) | | **Max Voltage (Vboot)** | Up to 600 V | | **Output Current** | 200 mA Source / 350 mA Sink | | **Logic Input Compatibility** | 3.3 V and 5 V | | **Integrated Functions** | Interlocking and Dead-time | | **Package** | SO-28 | --- ### Major Internal Components and Functions The STDRIVE601 integrates several electronic sub-systems to ensure safe and efficient power switching: #### 1. Bootstrap Circuitry The device features integrated high-voltage diodes for the bootstrap power supply. This eliminates the need for external diodes to power the high-side floating gate drive circuitry, saving PCB space. #### 2. Protection Mechanisms * **UVLO (Under-Voltage Lockout):** Prevents the power switches from operating in a linear mode (which causes overheating) if the supply voltage is too low. * **Interlocking:** A logic feature that prevents the high-side and low-side switches of the same leg from being turned on simultaneously, preventing a "shoot-through" short circuit. * **SmartSD (Shut Down):** A fast-acting fault protection input that can be triggered by overcurrent or overtemperature sensors. #### 3. Control Logic The inputs are compatible with standard microcontrollers (CMOS/TTL). It includes internal pull-down resistors on the inputs to ensure the outputs remain low if the control signal is lost. --- ### Typical Applications Due to its 600V rating and three-phase architecture, it is primarily used in: * **Home Appliances:** Washing machines, air conditioners, and refrigerators. * **Industrial Automation:** Three-phase motor drives and pumps. * **Power Inverters:** Small solar inverters and Uninterruptible Power Supplies (UPS). --- ### Example Wiring Diagram Concept ```c // Conceptual pin mapping for a microcontroller interface #define U_HIGH_SIDE PA1 #define U_LOW_SIDE PA2 #define V_HIGH_SIDE PA3 #define V_LOW_SIDE PA4 #define W_HIGH_SIDE PA5 #define W_LOW_SIDE PA6 #define FAULT_SD PB1 // Connected to SmartSD pin ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the STDRIVE601 and the STDRIVE601P?
    • ⤷ How do you calculate the bootstrap capacitor value for this driver?
    • ⤷ Can the STDRIVE601 be used for driving Silicon Carbide (SiC) MOSFETs?