データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • STDRIVEG600

  • AI
    ## STDRIVEG600: High-Speed Half-Bridge Gate Driver The **STDRIVEG600** is a high-speed gate driver manufactured by STMicroelectronics, specifically designed to drive **GaN (Gallium Nitride) FETs** or N-channel enhancement mode Power MOSFETs. It is optimized for high-power density applications where fast switching and high efficiency are critical. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Driver Type** | Half-Bridge | | **Voltage Rating (Vboot)** | Up to 600 V | | **Output Current** | 1.3 A Sink / 0.8 A Source | | **Logic Compatibility** | 3.3 V to 15 V (CMOS/TTL) | | **Propagation Delay** | 45 ns (typical) | | **UVLO Threshold** | 4.2 V (optimized for GaN) | | **Package** | SO-8 | --- ### Core Electronic Components & Features #### 1. Integrated Bootstrap Diode One of the standout features of the STDRIVEG600 is the **integrated high-voltage bootstrap diode**. In a typical half-bridge, the high-side driver requires a floating supply. By integrating this diode, the component reduces the Bill of Materials (BOM) and saves PCB space. #### 2. UVLO (Under Voltage Lockout) The device includes UVLO protection on both the lower and upper driving sections. This ensures that the power switches (GaN or MOSFETs) do not operate in a high-resistance linear mode if the supply voltage is too low, which would otherwise lead to overheating and failure. #### 3. Interlocking and Deadtime To prevent "shoot-through" (where both the high-side and low-side switches are ON at the same time, causing a short circuit), the STDRIVEG600 features an **interlocking function**. It ensures a minimum deadtime between the transitions of the two outputs. #### 4. dV/dt Immunity GaN devices switch extremely fast, creating high $dV/dt$ noise. The STDRIVEG600 is engineered with high immunity to these transients (up to 100 V/ns), ensuring stable operation even in electrically noisy environments. --- ### Typical Application Diagram In a standard circuit, the STDRIVEG600 sits between the Microcontroller (MCU) and the Power Stage. ```mermaid graph LR MCU[Microcontroller PWM] -->|LIN/HIN| ST[STDRIVEG600] ST -->|HO| HS_GaN[High-Side GaN] ST -->|LO| LS_GaN[Low-Side GaN] HS_GaN --- LS_GaN LS_GaN --- GND ``` --- ### Target Applications * **Power Supplies:** Symmetrical Half-Bridge, LLC Resonant Converters. * **Adapters:** High-efficiency AC/DC adapters and chargers. * **Industrial:** DC/DC converters and motor drives. * **Renewable Energy:** Solar micro-inverters.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using GaN FETs over standard Silicon MOSFETs with this driver?
    • ⤷ How does the interlocking function prevent shoot-through in the STDRIVEG600?
    • ⤷ What is the recommended value for the external bootstrap capacitor?