データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • STHW-650-R

  • AI
    The **STHW-650-R** is a high-performance, industrial-grade thermal management component, specifically a **high-power, surface-mount thick film resistor**. These components are designed to dissipate significant heat while maintaining a compact footprint on a Printed Circuit Board (PCB). --- ### 1. Key Technical Specifications Below are the primary electronic characteristics typical for the STHW (High Wattage) series: | Parameter | Specification (Typical) | | :--- | :--- | | **Resistance Range** | 0.1 Ω to 1 MΩ (Customizable) | | **Power Rating** | 650 Watts (When properly heatsinked) | | **Tolerance** | ±1%, ±5%, or ±10% | | **Temperature Coefficient (TCR)** | ±100 ppm/°C to ±250 ppm/°C | | **Operating Temperature** | -55°C to +175°C | | **Dielectric Strength** | Up to 5000 VAC | --- ### 2. Physical Construction The "electronic parts" of this resistor consist of several integrated layers designed for thermal efficiency: 1. **Substrate:** Usually made of **Alumina (Al2O3)** or **Aluminum Nitride (AlN)**. AlN is preferred for the 650R model because it offers superior thermal conductivity, allowing heat to move from the resistive element to the baseplate quickly. 2. **Resistive Element:** A specialized **thick film paste** is screened onto the substrate and fired at high temperatures. 3. **Encapsulation:** A high-temperature epoxy or molded plastic casing protects the internal circuit from moisture and mechanical stress. 4. **Terminals:** Solderable leads or screw-bolt terminals designed to handle high current without melting. --- ### 3. Usage Requirements Because this part handles **650 Watts**, it cannot function in "free air" at its rated power. The electronic integration requires: * **Thermal Interface Material (TIM):** A layer of thermal grease or a sil-pad must be placed between the resistor base and the heatsink. * **Active Cooling:** To reach the 650W rating, the part must be mounted to a liquid-cooled cold plate or a very large forced-air heatsink. * **Creepage/Clearance:** The design ensures high isolation voltage between the resistive circuit and the metal mounting flange. --- ### 4. Common Applications The STHW-650-R is utilized in high-power electronic circuits such as: * **Variable Frequency Drives (VFDs):** Used as a braking resistor to dissipate kinetic energy. * **Power Supplies:** Serving as a dummy load for testing high-current DC sources. * **Electric Vehicles (EV):** Used in pre-charge circuits or discharge units for high-voltage battery packs. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum operating voltage for the STHW-650-R?
    • ⤷ How does the power rating change if the heatsink temperature increases?
    • ⤷ What are the recommended mounting torque specifications for this component?