データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • STM32F412RGU3

  • AI
    The **STM32F412RGU3** is a high-performance microcontroller (MCU) from STMicroelectronics based on the ARM® Cortex®-M4 core. It belongs to the "Access Line" of the STM32F4 series, designed to balance power consumption, performance, and integrated features. --- ## 1. Core Specifications The core architecture provides digital signal processing (DSP) instructions and a floating-point unit (FPU). | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M4 | | **Max Frequency** | 100 MHz | | **Flash Memory** | 1024 KB (1 MB) | | **SRAM** | 256 KB | | **Operating Voltage** | 1.7V to 3.6V | | **Package** | UFBGA144 (Ultra Fine Pitch Ball Grid Array) | --- ## 2. Key Peripheral Modules The electronic design of the STM32F412RGU3 includes a wide array of communication and analog interfaces. ### Communication Interfaces * **I2C:** 4x interfaces (up to 1 MHz). * **USART/UART:** 4x interfaces (up to 12.5 Mbit/s). * **SPI/I2S:** 5x SPIs (up to 50 Mbit/s). * **CAN:** 2x CAN interfaces (2.0B Active). * **USB:** USB 2.0 full-speed device/host/OTG controller with on-chip PHY. * **SDIO:** Interface for SD cards and MMC. ### Analog & Timing * **ADC:** 1x 12-bit, 2.4 MSPS ADC with up to 16 channels. * **Timers:** 14 timers, including high-resolution PWM timers for motor control and general-purpose 16/32-bit timers. --- ## 3. Power Management & Efficiency The "RGU3" variant is optimized for low-power applications. * **Batch Acquisition Mode (BAM):** Allows data transfer from peripherals directly to memory while the CPU is in sleep mode, significantly reducing power consumption. * **Low-power modes:** Supports Sleep, Stop, and Standby modes. * **VBAT supply:** Allows the RTC (Real-Time Clock) and backup registers to run even when the main VDD is removed. --- ## 4. Hardware Pinout Considerations Since this part uses the **UFBGA144** package, it requires a multi-layer PCB design. ```c // Example: Basic GPIO Initialization (HAL Library) void MX_GPIO_Init(void) { GPIO_InitTypeDef GPIO_InitStruct = {0}; __HAL_RCC_GPIOC_CLK_ENABLE(); // Enable Clock for Port C GPIO_InitStruct.Pin = GPIO_PIN_13; GPIO_InitStruct.Mode = GPIO_MODE_OUTPUT_PP; // Push-Pull Output GPIO_InitStruct.Pull = GPIO_NOPULL; GPIO_InitStruct.Speed = GPIO_SPEED_FREQ_LOW; HAL_GPIO_Init(GPIOC, &GPIO_InitStruct); } ``` --- ## 5. Typical Applications * **Industrial:** Programmable Logic Controllers (PLCs), motor control, and industrial sensors. * **Consumer:** Home audio, high-end wearables, and GPS units. * **Medical:** Portable heart rate monitors and blood glucose meters.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of the UFBGA144 package over the LQFP alternative?
    • ⤷ How does the Batch Acquisition Mode (BAM) impact battery life in portable devices?
    • ⤷ Which development boards are compatible with the STM32F412 series for prototyping?