データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • STM32F429NET6

  • AI
    The **STM32F429NET6** is a high-performance microcontroller from STMicroelectronics based on the ARM® Cortex®-M4 core. It is widely used in applications requiring high processing power, advanced graphics capabilities, and extensive connectivity. --- ### ## 1. Key Technical Specifications The "NET6" suffix denotes specific packaging and temperature range characteristics. Below is a breakdown of the core electronic specifications: | Feature | Specification | | :--- | :--- | | **Core** | ARM® 32-bit Cortex®-M4 CPU with FPU | | **Max CPU Frequency** | 180 MHz | | **Flash Memory** | 512 KB | | **SRAM** | 256 KB (including 64 KB of CCM data RAM) | | **Package** | LQFP176 (Low-profile Quad Flat Pack) | | **Operating Voltage** | 1.7 V to 3.6 V | | **Temperature Range** | -40°C to 85°C | --- ### ## 2. Core Electronic Architecture #### ### A. Processing Power The Cortex-M4 core includes a **Floating Point Unit (FPU)** and **DSP (Digital Signal Processing)** instructions. This allows the chip to handle complex mathematical calculations (like audio filtering or PID loops) much faster than standard microcontrollers. #### ### B. Advanced Graphics (Chrom-ART Accelerator) One of the standout electronic features of the STM32F429 series is the **LTDC (LCD-TFT Display Controller)** and the **Chrom-ART Accelerator™**. * It can drive displays up to XGA resolution. * The hardware accelerator handles image blending and transparency without taxing the main CPU. #### ### C. External Memory Controller (FMC) Since 512 KB of Flash might be small for graphical assets, the **Flexible Memory Controller (FMC)** allows the chip to interface with: * SDRAM (common for frame buffers). * SRAM and NOR/NAND Flash. --- ### ## 3. Connectivity and Peripherals The electronic layout of the STM32F429NET6 is dense with I/O options: * **Communication:** 3x I2C, 4x USART, 4x UART, 6x SPI, 2x CAN, and 3x I2S. * **USB Support:** USB 2.0 full-speed and high-speed (with on-chip PHY). * **Networking:** 10/100 Ethernet MAC with dedicated DMA. * **Analog:** 3x 12-bit ADCs (up to 24 channels) and 2x 12-bit DACs. --- ### ## 4. Pinout and Integration Example In a typical circuit design, the STM32F429NET6 requires several decoupling capacitors (usually 100nF) near every $V_{DD}$ pin and a specific 2.2µF capacitor for the internal regulator ($V_{CAP}$ pins). ```c /* Simple GPIO Toggle Example for STM32F429 */ #include "stm32f4xx.h" void GPIO_Config(void) { RCC->AHB1ENR |= RCC_AHB1ENR_GPIOGEN; // Enable Clock for Port G GPIOG->MODER |= GPIO_MODER_MODER13_0; // Set Pin 13 as Output } int main(void) { GPIO_Config(); while(1) { GPIOG->ODR ^= GPIO_ODR_ODR_13; // Toggle LED for(int i=0; i<1000000; i++); // Simple delay } } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption profiles for the STM32F429 in low-power modes?
    • ⤷ How does the Chrom-ART accelerator specifically improve GUI performance?
    • ⤷ What are the hardware requirements for connecting external SDRAM to the FMC?